Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments LM3670 Datasheet HTML 11Page - Texas Instruments LM3670 Datasheet HTML 12Page - Texas Instruments LM3670 Datasheet HTML 13Page - Texas Instruments LM3670 Datasheet HTML 14Page - Texas Instruments LM3670 Datasheet HTML 15Page - Texas Instruments LM3670 Datasheet HTML 16Page - Texas Instruments LM3670 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
High PFM Threshold
~1.016 × VOUT
Low1 PFM Threshold
~1.008 × VOUT
PFM Mode at Light Load
PWM Mode at
Moderateto-Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
inductor
current
until
I inductor = 0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws VOUT
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWM mode
Load current
increases
Low2 PFM Threshold
VOUT
13
LM3670
www.ti.com
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 16. Operation in PFM Mode and Transition to PWM Mode
7.4.3 Shutdown
Setting the EN input pin low (< 0.4 V) places the LM3670 in shutdown mode. During shutdown the PFET switch,
NFET switch, reference, control and bias circuitry of the LM3671 are turned off. Setting EN high (> 1.3 V)
enables normal operation. It is recommended to set EN pin low to turn off the LM3671 during system power up
and undervoltage conditions when the supply is less than 2.5 V. Do not leave the EN pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com