Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4947TL/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM4947TL/NOPB
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947TL/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM4947TL/NOPB Datasheet HTML 25Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 26Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 27Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 28Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 29Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 30Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 31Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 32Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input coupling capacitor (Ci in Figure 1 and
Figure 2). A high value capacitor can be expensive and may compromise space efficiency in portable designs. In
many cases, however, the speakers used in portable systems, whether internal or external, have little ability to
reproduce signals below 150Hz. Applications using speakers with this limited frequency response reap little
improvement by using large input capacitor.
The internal input resistor (Ri), nominal 20kΩ, and the input capacitor (Ci) produce a high pass filter cutoff
frequency that is found using Equation 13.
fc = 1 / (2πRiCi)
(13)
As an example when using a speaker with a low frequency limit of 150Hz, Ci, using Equation 13 is 0.053µF. The
0.22µF Ci shown in Figure 1 allows the LM4947 to drive high efficiency, full range speaker whose response
extends below 40Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consideration should be paid to value of CB, the capacitor
connected to the BYPASS bump. Since CB determines how fast the LM4947 settles to quiescent operation, its
value is critical when minimizing turn-on pops. The slower the LM4947's outputs ramp to their quiescent DC
voltage (nominally VDD/2), the smaller the turn-on pop. Choosing CB equal to 1.0µF along with a small value of Ci
(in the range of 0.1µF to 0.39µF), produces a click-less and pop-less shutdown function. As discussed above,
choosing Ci no larger than necessary for the desired bandwidth helps minimize clicks and pops. CB's value
should be in the range of 5 times to 7 times the value of Ci. This ensures that output transients are eliminated
when power is first applied or the LM4947 resumes operation after shutdown.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com