Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4947TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4947TL/NOPB
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4947TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 9Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 10Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 11Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 12Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 13Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1m
10m
100m
OUTPUT POWER (W)
0.01
0.1
1
10
20m
50m
2m
5m
0.02
0.2
2
0.05
0.5
5
1m
10m
100m
OUTPUT POWER (W)
0.01
0.1
1
10
20m
50m
2m
5m
0.02
0.2
2
0.05
0.5
5
1m
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
200m 500m
20m 50m
2m
5m
0.02
0.2
2
0.05
0.5
5
1m
10m
100m
OUTPUT POWER (W)
0.01
0.1
1
10
20m
50m
2m
5m
0.02
0.2
2
0.05
0.5
5
1m
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
200m 500m
20m 50m
2m
5m
0.02
0.2
2
0.05
0.5
5
1m
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
200m 500m
20m 50m
2m
5m
0.02
0.2
2
0.05
0.5
5
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V, RL = 8Ω, f = 1kHz
VDD = 3.3V, RL = 8Ω, f = 1kHz
Mode 1, MONO
Mode 3, MONO
Figure 6.
Figure 7.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V, RL = 8Ω, f = 1kHz
VDD = 3.3V, RL = 32Ω, f = 1kHz, Diff In
Mode 5, MONO
Mode 2, OCL
Figure 8.
Figure 9.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V, RL = 32Ω, f = 1kHz, Diff In
VDD = 3.3V, RL = 32Ω, f = 1kHz, Diff In
Mode 2, SE
Mode 4, OCL
Figure 10.
Figure 11.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com