Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4990ITL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4990ITL/NOPB
Description  LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4990ITL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4990ITL/NOPB Datasheet HTML 17Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 18Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 19Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 20Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 21Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 22Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 23Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 24Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM4990ITL/NOPB
Active
Production
DSBGA (YZR) | 9
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 85
G
D2
LM4990ITL/NOPB.A
Active
Production
DSBGA (YZR) | 9
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 85
G
D2
LM4990ITLX/NOPB
Active
Production
DSBGA (YZR) | 9
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 85
G
D2
LM4990ITLX/NOPB.A
Active
Production
DSBGA (YZR) | 9
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 85
G
D2
LM4990MH/NOPB
Active
Production
HVSSOP (DGQ) | 10
1000 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 85
4990
LM4990MH/NOPB.A
Active
Production
HVSSOP (DGQ) | 10
1000 | LARGE T&R
Yes
SN
Level-3-260C-168 HR
-40 to 85
4990
LM4990MM/NOPB
Active
Production
VSSOP (DGK) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
GA5
LM4990MM/NOPB.A
Active
Production
VSSOP (DGK) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
GA5
LM4990MMX/NOPB
Active
Production
VSSOP (DGK) | 8
3500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
GA5
LM4990MMX/NOPB.A
Active
Production
VSSOP (DGK) | 8
3500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
GA5
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com