Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4990ITL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4990ITL/NOPB
Description  LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4990ITL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4990ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4990ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM4990
SNAS184E – DECEMBER 2002 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage(3)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(4)(5)
Internally Limited
ESD Susceptibility(6)
2000V
ESD Susceptibility(7)
200V
Junction Temperature
150°C
θJC (VSSOP)
56°C/W
θJA (VSSOP)
190°C/W
Thermal Resistance
θJA (9 Bump DSBGA)
(8)
180°C/W
θJA (WSON)
63°C/W(9)
θJC (WSON)
12°C/W(9)
Soldering Information: See the AN-1187 Application Report
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional but specific performance is not ensured. Electrical Characteristics state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
If the product is in Shutdown mode and VDD exceeds 6V (to a max of 8V VDD), then most of the excess current will flow through the
ESD protection circuits. If the source impedance limits the current to a max of 10mA, then the device will be protected. If the device is
enabled when VDD is greater than 5.5V and less than 6.5V, no damage will occur, although operation life will be reduced. Operation
above 6.5V with no current limit will result in permanent damage.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4990, see power derating curves for additional information.
(5)
Maximum power dissipation in the device (PDMAX) occurs at an output power level significantly below full output power. PDMAX can be
calculated using Equation 1 shown in the Application Information section. It may also be obtained from the power dissipation graphs.
(6)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(7)
Machine Model, 220pF – 240pF discharged through all pins.
(8)
All bumps have the same thermal resistance and contribute equally when used to lower thermal resistance. All bumps must be
connected to achieve specified thermal resistance.
(9)
The Exposed-DAP of the NGZ0010B package should be electrically connected to GND or an electrically isolated copper area. the
LM4990LD demo board has the Exposed-DAP connected to GND with a PCB area of 86.7mils x 585mils (2.02mm x 14.86mm) on the
copper top layer and 550mils x 710mils (13.97mm x 18.03mm) on the copper bottom layer.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.2V
≤ VDD ≤ 5.5V
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com