Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4990MH/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4990MH/NOPB
Description  LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4990MH/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4990MH/NOPB Datasheet HTML 1Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 2Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 3Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 4Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 5Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 6Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 7Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 8Page - Texas Instruments LM4990MH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM4990
www.ti.com
SNAS184E – DECEMBER 2002 – REVISED MAY 2013
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4990
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
3
7
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
4
10
mA (max)
ISD
Shutdown Current
VSD = VSD Mode
(6)
0.1
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
VSD MODE = VDD
1.5
V
VSDIL
Shutdown Voltage Input Low
VSD MODE = VDD
1.3
V
VSDIH
Shutdown Voltage Input High
VSD MODE = GND
1.5
V
VSDIL
Shutdown Voltage Input Low
VSD MODE = GND
1.3
V
VOS
Output Offset Voltage
7
50
mV (max)
ROUT
9.7
k
Ω (max)
Resistor Output to GND(7)
8.5
7.0
k
Ω (min)
(8
Ω)
THD+N = 1% (max); f = 1kHz
1.25
0.9
W (min)
Po
Output Power
(4
Ω)(8)(9)
THD+N = 1% (max); f = 1kHz
2
W
TWU
Wake-up time
100
ms
THD+N
Total Harmonic Distortion+Noise
Po = 0.5Wrms; f = 1kHz
0.2
%
+N
Vripple = 200mV sine p-p
60 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
Input terminated with 10
Ω
64 (f = 1kHz)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional but specific performance is not ensured. Electrical Characteristics state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
(7)
RROUT is measured from the output pin to ground. This value represents the parallel combination of the 10kΩ output resistors and the
two 20k
Ω resistors.
(8)
The Exposed-DAP of the NGZ0010B package should be electrically connected to GND or an electrically isolated copper area. the
LM4990LD demo board has the Exposed-DAP connected to GND with a PCB area of 86.7mils x 585mils (2.02mm x 14.86mm) on the
copper top layer and 550mils x 710mils (13.97mm x 18.03mm) on the copper bottom layer.
(9)
The thermal performance of the WSON and exposed-DAP MSOP-PowerPAD packages when used with the exposed-DAP connected to
a thermal plane is sufficient for driving 4
Ω loads. The VSSOP and DSBGA packages do not have the thermal performance necessary
for driving 4
Ω loads with a 5V supply and is not recommended for this application.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com