Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4991 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM4991
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM4991 Datasheet HTML 18Page - Texas Instruments LM4991 Datasheet HTML 19Page - Texas Instruments LM4991 Datasheet HTML 20Page - Texas Instruments LM4991 Datasheet HTML 21Page - Texas Instruments LM4991 Datasheet HTML 22Page - Texas Instruments LM4991 Datasheet HTML 23Page - Texas Instruments LM4991 Datasheet HTML 24Page - Texas Instruments LM4991 Datasheet HTML 25Page - Texas Instruments LM4991 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
8X (0.3)
(3)
(3.3)
6X (0.8)
(2.2)
(
0.2) VIA
TYP
(0.85)
(1.25)
8X (0.5)
(R0.05) TYP
WSON - 0.8 mm max height
NGN0008A
PLASTIC SMALL OUTLINE - NO LEAD
4214794/A 11/2019
SYMM
1
4
5
8
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:15X
SYMM
9
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com