Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4991 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM4991
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4991 Datasheet HTML 10Page - Texas Instruments LM4991 Datasheet HTML 11Page - Texas Instruments LM4991 Datasheet HTML 12Page - Texas Instruments LM4991 Datasheet HTML 13Page - Texas Instruments LM4991 Datasheet HTML 14Page - Texas Instruments LM4991 Datasheet HTML 15Page - Texas Instruments LM4991 Datasheet HTML 16Page - Texas Instruments LM4991 Datasheet HTML 17Page - Texas Instruments LM4991 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LM4991
SNAS217A – MAY 2004 – REVISED APRIL 2013
www.ti.com
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating
from the Output Power vs Supply Voltage graphs in theTypical Performance Characteristics section, the supply
rail can be easily found. A second way to determine the minimum supply rail is to calculate the required Vopeak
using Equation (3) and add the output voltage. Using this method, the minimum supply voltage would be (Vopeak
+ (VODTOP + VODBOT)), where VODBOT and VODTOP are extrapolated from the Dropout Voltage vs Supply Voltage curve
in the Typical Performance Characteristics section.
(4)
Using the Output Power vs Supply Voltage graph for an 8
Ω load, the minimum supply rail is 4.6V. But since 5V is
a standard voltage in most applications, it is chosen for the supply rail. Extra supply voltage creates headroom
that allows the LM4991 to reproduce peaks in excess of 1W without producing audible distortion. At this time, the
designer must make sure that the power supply choice along with the output impedance does not violate the
conditions explained in the POWER DISSIPATION section.
Once the power dissipation equations have been addressed, the required differential gain can be determined
from Equation (4).
(5)
Rf/Ri = AVD/2
(6)
From Equation (4), the minimum AVD is 2.83; use AVD = 3.
Since the desired input impedance was 20k
Ω, and with a AVD impedance of 2, a ratio of 1.5:1 of Rf to Ri results
in an allocation of Ri = 20kΩ and Rf = 30kΩ. The final design step is to address the bandwidth requirements
which must be stated as a pair of
−3dB frequency points. Five times away from a −3dB point is 0.17dB down
from passband response which is better than the required ±0.25dB specified.
fL = 100Hz/5 = 20Hz
fH = 20kHz * 5 = 100kHz
As stated in the External Components Description section, Ri in conjunction with Ci create a highpass filter.
Ci ≥ 1/(2π*20kΩ*20Hz) = 0.397µF; use 0.39µF
The high frequency pole is determined by the product of the desired frequency pole, fH, and the differential gain,
AVD. With a AVD = 3 and fH = 100kHz, the resulting GBWP = 150kHz which is much smaller than the LM4991
GBWP of 4MHz. This figure displays that if a designer has a need to design an amplifier with a higher differential
gain, the LM4991 can still be used without running into bandwidth limitations.
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com