Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4991MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4991MA/NOPB
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4991MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 9Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 10Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 11Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 12Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 13Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2.2
3
4
5
5.5
0
100
200
300
400
500
600
700
800
900
1000
SUPPLY VOLTAGE (V)
10% THD+N
1% THD+N
f=1kHz
2.2
3
4
5
5.5
0
100
200
300
400
500
600
700
800
900
1000
SUPPLY VOLTAGE (V)
10% THD+N
1% THD+N
f=1kHz
2.2
3
4
5
5.5
0
500m
1
1.5
2
2.5
3
3.5
SUPPLY VOLTAGE (V)
10% THD+N
1% THD+N
f = 1kHz
2.2
3
4
5
5.5
0
500m
1
1.5
2
2.5
3
SUPPLY VOLTAGE (V)
f = 1kHz
1% THD+N
10% THD+N
LM4991
SNAS217A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage, RL = 4Ω
Output Power vs Supply Voltage, RL = 8Ω
Figure 30.
Figure 31.
Output Power vs Supply Voltage, RL = 16Ω
Output Power vs Supply Voltage, RL = 32Ω
Figure 32.
Figure 33.
Frequency Response vs Input Capacitor Size
Figure 34.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com