Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4991MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4991MA/NOPB
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4991MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 9Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 10Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 11Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 12Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 13Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 14Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 15Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
LM4991
SNAS217A – MAY 2004 – REVISED APRIL 2013
www.ti.com
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier's closed-
loop gain without causing excessive clipping, please refer to the AUDIO POWER AMPLIFIER DESIGN section.
Another advantage of the differential bridge output is no net DC voltage across load. This results from biasing
VO1 and VO2 at the same DC voltage, in this case VDD/2 . This eliminates the coupling capacitor that single
supply, single-ended amplifiers require. Eliminating an output coupling capacitor in a single-ended configuration
forces a single supply amplifier's half-supply bias voltage across the load. The current flow created by the half-
supply bias voltage increases internal IC power dissipation and my permanently damage loads such as
speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Equation (2) states the maximum power dissipation point for a bridge
amplifier operating at a given supply voltage and driving a specified output load.
PDMAX = 4*(VDD)
2/(2π2R
L)
(2)
Since the LM4991 has two operational amplifiers in one package, the maximum internal power dissipation is 4
times that of a single-ended ampifier. Even with this substantial increase in power dissipation, the LM4991 does
not require heatsinking under most operating conditions and output loading. From Equation (2), assuming a 5V
power supply and an 8
Ω load, the maximum power dissipation point is 625 mW. The maximum power dissipation
point obtained from Equation (2) must not be greater than the power dissipation that results from Equation (3):
PDMAX = (TJMAX–TA)/θJA
(3)
For the SO package,
θJA = 140°C/W. For the LD package soldered to a DAP pad that expands to a copper area
of 1.0in2 on a PCB, the LM4991's
θJA is 56°C/W. TJMAX = 150°C for the LM4991. The θJA can be decreased by
using some form of heat sinking. The resultant
θJA will be the summation of the θJC, θCS, and θSA. θJC is the
junction to case of the package (or to the exposed DAP, as is the case with the LD package),
θCS is the case to
heat sink thermal resistance and
θSA is the heat sink to ambient thermal resistance. By adding additional copper
area around the LM4991, the
θJA can be reduced from its free air value for the SO package. Increasing the
copper area around the LD package from 1.0in2 to 2.0in2 area results in a
θJA decrease to 46°C/W. Depending
on the ambient temperature, TA, and the θJA, Equation (3) can be used to find the maximum internal power
dissipation supported by the IC packaging. If the result of Equation (2) is greater than that of Equation (3), then
either the supply voltage must be decreased, the load impedance increased, the
θJA decreased, or the ambient
temperature reduced. For the typical application of a 5V power supply, with an 8
Ω load, and no additional
heatsinking, the maximum ambient temperature possible without violating the maximum junction temperature is
approximately 61°C provided that device operation is around the maximum power dissipation point and assuming
surface mount packaging. For the LD package in a typical application of a 5V power supply, with a 4
Ω load, and
1.0in2 copper area soldered to the exposed DAP pad, the maximum ambient temperature is approximately 77°C
providing device operation is around the maximum power dissipation point. Internal power dissipation is a
function of output power. If typical operation is not around the maximum power dissipation point, the ambient
temperature can be increased. Refer to the Typical Performance Characteristics curves for power dissipation
information for different output powers and output loading.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both the bypass and power supply pins should be as close to the LM4991 as
possible. The capacitor connected between the bypass pin and ground improves the internal bias voltage's
stability, producing improved PSRR. The improvements to PSRR increase as the bypass pin capacitor increases.
Typical applications employ a 5V regulator with 10µF and a 0.1µF bypass capacitors which aid in supply stability.
This does not eliminate the need for bypassing the supply nodes of the LM4991 with a 1µF tantalum capacitor.
The selection of bypass capacitors, especially CB, is dependent upon PSRR requirements, click and pop
performance as explained in the section, PROPER SELECTION OF EXTERNAL COMPONENTS, system cost,
and size constraints.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com