Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010ASD/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5010ASD/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASD/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5010ASD/NOPB Datasheet HTML 26Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 27Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 28Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 29Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 30Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 31Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 32Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 33Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
12X 0.65
14X
0.30
0.19
2X
3.9
(0.15) TYP
0 - 8
0.15
0.05
3.155
3.105
3.255
3.205
4X (0.2)
NOTE 5
1.2 MAX
0.25
GAGE PLANE
0.75
0.50
(1)
A
NOTE 3
5.1
4.9
B
4.5
4.3
4X (0.05)
NOTE 5
4214867/A 09/2016
PowerPAD
TSSOP - 1.2 mm max height
PWP0014A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may differ and may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
14
0.1
C A B
8
7
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
THERMAL
PAD
1
14
8
7
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com