Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010ASD/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LM5010ASD/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASD/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5010ASD/NOPB Datasheet HTML 27Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 28Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 29Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 30Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 31Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 32Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 33Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 34Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.8)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
14X (1.5)
14X (0.45)
12X (0.65)
(3.4)
NOTE 9
(5)
NOTE 9
(3.155)
(3.255)
(
0.2) TYP
VIA
(1.1) TYP
(1.1)
TYP
(R0.05) TYP
4214867/A 09/2016
PowerPAD
TSSOP - 1.2 mm max height
PWP0014A
PLASTIC SMALL OUTLINE
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
SCALE:10X
1
7
8
14
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
15
TM
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
PADS 1-14
SOLDER MASK
DEFINED
SOLDER MASK
METAL UNDER
SOLDER MASK
OPENING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com