Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5035BSQ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5035BSQ/NOPB
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035BSQ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5035BSQ/NOPB Datasheet HTML 17Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 18Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 19Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 20Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 21Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 22Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 23Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 24Page - Texas Instruments LM5035BSQ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
R2 =
1.25V x R1
VPWR ± 1.25V ± (23 PA x R1)
R1 =
VHYS
23 PA
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
The internal gate drivers need a very low impedance path to the respective decoupling capacitors; the VCC cap
for the LO driver and CBOOST for the HO driver. These connections should be as short as possible to reduce
inductance and as wide as possible to reduce resistance. The loop area, defined by the gate connection and its
respective return path, should be minimized.
The high-side gate driver can also be used with HS connected to PGND for applications other than a half bridge
converter (e.g. Push-Pull). The HB pin is then connected to VCC, or any supply greater than the high-side driver
undervoltage lockout (approximately 6.5V). In addition, the high-side driver can be configured for high voltage
offline applications where the high-side MOSFET gate is driven via a gate drive transformer.
PROGRAMMABLE DELAY (DLY)
The RDLY resistor programs the delays between the SR1 and SR2 signals and the HO and LO driver outputs.
Figure 17 shows the relationship between these outputs. The DLY pin is nominally set at 2.5V and the current is
sensed through RDLY to ground. This current is used to adjust the amount of deadtime before the HO and LO
pulse (T1) and after the HO and LO pulse (T2). Typically RDLY is in the range of 10kΩ to 100kΩ. The deadtime
periods can be calculated using the following formulae:
T1 = .003 x RDLY + 4.6 ns
(7)
T2 = .0007 x RDLY + 10.01 ns
(8)
This may cause lower than optimal system efficiency if the delays through the SR signal transformer network, the
secondary gate drivers and the SR MOSFETs are greater than the delay to turn on the HO or LO MOSFETs.
Should an SR MOSFET remain on while the opposing primary MOSFET is supplying power through the power
transformer, the secondary winding will experience a momentary short circuit, causing a significant power loss to
occur.
When choosing the RDLY value, worst case propagation delays and component tolerances should be considered
to assure that there is never a time where both SR MOSFETs are enabled AND one of the primary side
MOSFETs is enabled. The time period T1 should be set so that the SR MOSFET has turned off before the
primary MOSFET is enabled. Conversely, T1 and T2 should be kept as low as tolerances allow to optimize
efficiency. The SR body diode conducts during the time between the SR MOSFET turns off and the power
transformer begins supplying energy. Power losses increase when this happens since the body diode voltage
drop is many times higher than the MOSFET channel voltage drop. The interval of body diode conduction can be
observed with an oscilloscope as a negative 0.7V to 1.5V pulse at the SR MOSFET drain.
UVLO AND OVP VOLTAGE DIVIDER SELECTION FOR R1, R2, AND R3
Two dedicated comparators connected to the UVLO and OVP pins are used to detect under-voltage and over-
voltage conditions. The threshold value of these comparators, VUVLO and VOVP, is 1.25V (typical). The two
functions can be programmed independently with two voltage dividers from VIN to AGND as shown in Figure 22
and Figure 23, or with a three-resistor divider as shown in Figure 24. Independent UVLO and OVP pins provide
greater flexibility for the user to select the operational voltage range of the system. Hysteresis is accomplished by
23 µA current sources (IUVLO and IOVP), which are switched on or off into the sense pin resistor dividers as the
comparators change state.
When the UVLO pin voltage is below 0.4V, the controller is in a low current shutdown mode. For a UVLO pin
voltage greater than 0.4V but less than 1.25V the controller is in standby mode. Once the UVLO pin voltage is
greater than 1.25V, the controller is fully enabled. Two external resistors can be used to program the minimum
operational voltage for the power converter as shown in Figure 22. When the UVLO pin voltage falls below the
1.25V threshold, an internal 23 µA current sink is enabled to lower the voltage at the UVLO pin, thus providing
threshold hysteresis. Resistance values for R1 and R2 can be determined from the following equations.
(9)
where
•
VPWR is the desired turn-on voltage
•
VHYS is the desired UVLO hysteresis at VPWR
(10)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com