Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5035C Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5035C
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5035C Datasheet HTML 21Page - Texas Instruments LM5035C Datasheet HTML 22Page - Texas Instruments LM5035C Datasheet HTML 23Page - Texas Instruments LM5035C Datasheet HTML 24Page - Texas Instruments LM5035C Datasheet HTML 25Page - Texas Instruments LM5035C Datasheet HTML 26Page - Texas Instruments LM5035C Datasheet HTML 27Page - Texas Instruments LM5035C Datasheet HTML 28Page - Texas Instruments LM5035C Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
t1 =
CRES x 2.5V
22 PA
= 114 k: x CRES
OVP
LM5035B
STANDBY
NTC
THERMISTOR
T
R2
R1
1.25V
5V
23 PA
VREF
OVP
LM5035B
STANDBY
R2
100k
Q1
R1
2k
VREF
VOUT
5V
1.25V
23 PA
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Figure 26. Latched Load Over-Voltage Protection
Figure 27 shows an application of the OVP comparator for Remote Thermal Protection using a thermistor (or
multiple thermistors) which may be located near the main heat sources of the power supply. The negative
temperature coefficient (NTC) thermistor is nearly logarithmic, and in this example a 100k
Ω thermistor with the β
material constant of 4500 kelvins changes to approximately 2 k
Ω at 130°C. Setting R1 to one-third of this
resistance (665
Ω) establishes 130°C as the desired trip point (for VREF = 5V). In a temperature band from 20°C
below to 20°C above the OVP threshold, the voltage divider is nearly linear with 25 mV per°C sensitivity.
R2 provides temperature hysteresis by raising the OVP comparator input by R2 x 23 µA. For example, if a 22k
resistor is selected for R2, then the OVP pin voltage will increase by 22 k
Ω x 23 µA = 506 mV. The NTC
temperature must therefore fall by 506mV / 25mV per°C = 20°C before the LM5035B switches from the standby
mode to the normal mode.
Figure 27. Remote Thermal Protection
HICCUP MODE CURRENT LIMIT RESTART (RES)
The basic operation of the hiccup mode current limit restart is described in the functional description. The delay
time to restart is programmed with the selection of the RES pin capacitor CRES as illustrated in Figure 27.
In the case of continuous cycle-by-cycle current limit detection at the CS pin, the time required for CRES to reach
the 2.5V hiccup mode threshold is:
(15)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com