Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5056APMHX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5056APMHX/NOPB
Description  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056APMHX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5056APMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
LM5056, LM5056A
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to 125°C unless otherwise stated. Minimum and maximum limits are ensured through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48 V and VDD = 5.0 V. See
(1) and(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input (VIN Pin)
IVIN
VIN input current
VIN = 48 V
0.9
1.4
mA
Power on reset threshold at VIN to enable
POREN
VIN increasing
7.5
8.7
9.7
V
all functions
POREN_HY
POREN hysteresis
VIN decreasing
150
mV
S
VDD Regulator (VDD pin)
VDDPOR
VDD power on reset voltage threshold
VDD rising
3.0
3.8
4.5
V
IDD
VDD pin input current
VDD = 5.5 V
6.1
6.8
mA
OUT, SENSE, VIN_K, VAUX Pins
IOUT
OUT bias current
OUT = VIN, normal operation
79
90
ISENSE
SENSE bias current
SENSE = VIN, normal operation
11
μA
IVIN_K
VIN_K bias current
VIN_K = VIN, normal operation
110
IVAUX
VAUXH bias current
VAUX = 2.97 V
1.0
Internal Reference
VREF
Reference voltage
IREF = 0 mA
2.94
2.97
3.0
V
ADC and MUX
ADCRES
Resolution
12
bits
INL
Integral non-linearity
ADC only
±4
LSB
tRR
Acquisition round-robin time
Cycle all channels
1
ms
Remote Diode Temperature Sensor
Temperature accuracy using local diode
TA = 25°C to 85°C
2
°C
TACC
Remote diode resolution
9
bits
High level
250
IDIODE
External diode current source
μA
Low level
9.4
DRATIO
Diode current ratio
25.9
(1)
Current out of a pin is indicated as a negative value.
(2)
All limits are ensured. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot and
cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com