Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5056APMHX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5056APMHX/NOPB
Description  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056APMHX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5056APMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 9Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 10Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 11Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 12Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 13Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
VIN
LM5056/LM5056A
1/30
VAUX
DIODE
DIODE
TEMP
SENSE
VDD
12 bit
ADC
2.97 V
REF
VREF
MEASUREMENT/
AVERAGING/
WARN/
REGISTERS
SMBUS
INTERFACE
ADR2
SCL
SDAO
SMBA
ADDRESS
DECODER
SDAI
1/30
CL
ADR0
ADR1
AGND
DGND
DIGITAL
ANALOG
Cl = VDD, CURRENT SENSE FSR = 27.0 mV
Cl = GND, CURRENT SENSE FSR = 54.4 mV
TELEMETRY
STATE
MACHINE
0V ± 2.966V
10V to 80V
5.0V
LM5056, LM5056A
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com