Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC-MA Datasheet(PDF) 2 Page - KITAGAWA GmbH

Part # RFC-MA
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RFC-MA Datasheet(HTML) 2 Page - KITAGAWA GmbH

  RFC-MA Datasheet HTML 1Page - KITAGAWA GmbH RFC-MA Datasheet HTML 2Page - KITAGAWA GmbH RFC-MA Datasheet HTML 3Page - KITAGAWA GmbH RFC-MA Datasheet HTML 4Page - KITAGAWA GmbH RFC-MA Datasheet HTML 5Page - KITAGAWA GmbH RFC-MA Datasheet HTML 6Page - KITAGAWA GmbH RFC-MA Datasheet HTML 7Page - KITAGAWA GmbH RFC-MA Datasheet HTML 8Page - KITAGAWA GmbH RFC-MA Datasheet HTML 9Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
GTRE Series
GTRE Series
Part No.
A
B
C
D
E
Impedance
Ω/100MHz (1Turn)
GTRE-14-12.5-8
14.0
8.0
10.0
4.0
12.5
≥30
GTRE-14-14-8
14.0
8.0
10.0
4.0
14.0
≥35
Operating temperature: -40 ~ 85°C
GTR Series
GTR Series
Part No.
A
B
C
Impedance
Ω/100MHz (1Turn)
GTR-7-3-4
7
3.5
4
≥20
GTR-9-5-8
9
5
8
≥30
GTR-10-5-5
10
5
5
≥25
GTR-11-5-9
11
5
9
≥45
GTR-12.5-8-12
12.6
8.1
12
≥35
GTR-13-7-6
13
7
6
≥25
GTR-13-7-12.7
13
7.1
12.7
≥45
GTR-14.5-10-8
14.5
10.2
8
≥20
GTR-16-8-13
16.5
8.2
13
≥55
GTR-16-8-16
16.5
8.2
16
≥65
GTR-16-10-7
16
10
7
≥25
GTR-16-10-10
16
10
10
≥30
GTR-18-10-6
18
10
6
≥25
GTR-20-10-5
20.5
10.2
5
≥25
GTR-20-10-10
20.5
10.2
10
≥45
GTR-21-13-6
21.2
12.7
6
≥25
GTR-22-14-10
22
14
10
≥30
GTR-23-11-14
23.6
11.4
14
≥60
GTR-25-15-8
25
15
8
≥30
GTR-25-15-12
25
15
12
≥40
GTR-28-16-13
28
16
13
≥45
GTR-28-16-20
28
16
20
≥70
GTR-31-19-8
31
19
8
≥30
GTR-40-27-15
40.6
27.4
15
≥45
Operating temperature: -40 ~ 85°C
Unit: mm
GRI Series
øA
øB
C
ROUND CABLE CORES: One-Piece Type G Ferrite Core – nickel-free
GRI Series
Part No.
A
B
C
Impedance
Ω/100MHz (1Turn)
GRI-3-4-1
3
1
4
≥25
GRI-3.5-3.5-1.2
3.5
1.2
3.5
≥25
GRI-3.5-7-1.2
3.5
1.2
7
≥40
GRI-4-5-1.5
4
1.5
5
≥30
GRI-11-18-5
11
5
18.5
≥85
GRI-11-20-5
11
5
20
≥90
GRI-11-25-5
11
5
25
≥105
GRI-12-16-8.5
12
8.5
16
≥35
GRI-12.3-20-7
12.3
7
20
≥70
GRI-14-28-6
14.3
6.3
28.6
≥130
GRI-16-20-7
16
7
20
≥95
GRI-16-28-7
16
7
28
≥130
GRI-16-28-8
16
8
28
≥115
GRI-16-28-9
16
9
28
≥95
GRI-17.5-28.5-10.7
17.5
10.7
28.5
≥85
GRI-18-28-10
18
10
28
≥100
GRI-26-28-13
26
13
28
≥120
Operating temperature: -40 ~ 85°C
Unit: mm
Unit: mm
Cross-sectional view of GRI (round) and GTRE (oblong) ferrite cores
Part No.
Outer
Diameter
Height
Applicable Lead
Diameter
Applicable Lead
Dimension
Impedance
Ω/100
MHz (1Turn)
GRIP-3.5-1.8-2
Ø 4.4
2.8
Ø 0.6~1.6
W: 0.8~1.5
T:0.3~0.7
≥15
Operating temperature: -40 ~ 125°C
GRIP Series
Unit: mm
Application Example
Inner structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com