Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC-MA Datasheet(PDF) 6 Page - KITAGAWA GmbH

Part # RFC-MA
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RFC-MA Datasheet(HTML) 6 Page - KITAGAWA GmbH

Back Button RFC-MA Datasheet HTML 2Page - KITAGAWA GmbH RFC-MA Datasheet HTML 3Page - KITAGAWA GmbH RFC-MA Datasheet HTML 4Page - KITAGAWA GmbH RFC-MA Datasheet HTML 5Page - KITAGAWA GmbH RFC-MA Datasheet HTML 6Page - KITAGAWA GmbH RFC-MA Datasheet HTML 7Page - KITAGAWA GmbH RFC-MA Datasheet HTML 8Page - KITAGAWA GmbH RFC-MA Datasheet HTML 9Page - KITAGAWA GmbH RFC-MA Datasheet HTML 10Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FLAT CABLE CORES: 2-Piece Type
− GSSH and GFPH series are a set of two of the same U-shaped pieces
− GFPO series has a combination of one U-shaped piece and one flat piece
GFPH and GSSH Series
GFPO Series
GFPH and GFPO Series
Part No.
A
B
C
D
E
Impedance
Ω/100MHz (1 Turn)
GFPH-10-6-5
10.0
1.8
5.0
6.0
6.8
≥25
GFPO-23-8-3
23.0
0.5
2.8
8.0
19.0
≥30
GFPO-25-12-3
25.0
0.5
2.8
12.0
21.0
≥35
GFPO-31-12-3
31.0
0.5
2.8
12.0
27.0
≥35
GSSH Series
GSSH-33.5-12
33.5
1.2
6.6
12.0
27.0
≥35
GSSH-33.5-20
33.5
1.2
6.6
20.0
27.0
≥50
GSSH-40-12
40.0
1.2
6.6
12.0
34.8
≥35
GSSH-45-12
45.2
1.2
6.6
12.0
40.0
≥35
Unit: mm
BCN Series
Part No.
A
B
(C)
D
(E)
(F)
Impedance
Ω/100MHz (1 Turn)
BCN-26
45.0
2.0
19.6
30
34.0
59.2
≥125
BCN-40
63.0
2.0
19.5
30
52.0
76.5
≥137
BCN-50
76.5
2.0
19.5
30
64.5
90.7
≥142
BCN
FLAT CABLE CORES: Large 2-Piece Type
Unit: mm
Adhesive mount with plastic holders
Unit: mm
FLAT CABLE CORES: 1-Piece Type
GFPC Series
Part No.
Profile
A
B
C
D
E
Impedance
Ω/100MHz (1 Turn)
GFPC-11-8-2
1
11.0
0.7
2.3
8.0
9.0
≥25
GFPC-16-5-3
1
16.0
0.5
3.0
5.0
11.5
≥20
GFPC-16-8-2
1
15.5
0.7
2.3
8.0
12.0
≥25
GFPC-16-8-3
1
16.0
0.5
3.0
8.0
11.5
≥25
GFPC-16-12
1
16.0
0.5
5.0
12.0
11.5
≥45
GFPC-16-20
1
16.0
0.8
5.0
20.0
11.5
≥60
GFPC-18-3-2
1
18
0.7
2.3
3.0
14.5
≥20
GFPC-18-8-2
1
18.0
0.7
2.3
8.0
14.5
≥25
GFPC-22-8-2
1
21.5
0.7
2.3
8.0
18.0
≥25
GFPC-24-12-3
2
23.3
0.9
3.0
12.0
20.0
≥30
GFPC-25-10-3
2
25.5
0.8
3.0
10.0
21.5
≥25
GFPC-25-12
1
24.5
0.5
5.0
12.0
20.0
≥35
GFPC-25-15-3
2
25.5
0.8
3.0
15.0
21.5
≥35
GFPC-25-20
1
24.5
0.5
5.0
20.0
20.0
≥50
GFPC-31-12
1
31.0
0.5
5.0
12.0
27.0
≥40
GFPC-31-12-3
2
31.0
1.0
3.0
12.0
27.0
≥30
GFPC-46-12
1
46.0
0.5
5.0
12.0
41.5
≥40
GFPC-56-12
1
56.2
0.5
5.0
12.0
52.4
≥35
GSSC Series
GSSC-33.5-8
N/A
33.5
1.4
6.5
8.0
28.4
≥30
GSSC-33.5-10
N/A
33.5
1.4
6.5
10.0
28.4
≥30
GSSC-33.5-12
N/A
33.5
1.4
6.5
12.0
28.4
≥35
GSSC-33.5-20
N/A
33.5
1.3
6.5
20.0
27.8
≥50
GSSC-33.5-10-2
N/A
33.5
2.2
7.4
10.0
27.0
≥30
GSSC-40-12
N/A
40.0
1.3
6.5
12.0
35.0
≥35
GSSC-45-8
N/A
45.2
1.3
6.5
8.0
40.0
≥30
GSSC-45-12
N/A
45.2
1.3
6.5
12.0
40.0
≥35
GSSC-50-12
N/A
50.0
1.4
6.5
12.0
44.9
≥35
GSSC-58-12
N/A
57.6
1.3
6.5
12.0
52.0
≥35
GSSC series operating temperature: -40~85°C
G Ferrite Core – nickel-free
GSSC Series
GFPC Series
Profile 1
Profile 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com