Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC-8MA Datasheet(PDF) 4 Page - KITAGAWA GmbH

Part # RFC-8MA
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RFC-8MA Datasheet(HTML) 4 Page - KITAGAWA GmbH

  RFC-8MA Datasheet HTML 1Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 2Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 3Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 4Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 5Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 6Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 7Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 8Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 9Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
TRCB – Low frequency ferrite core with plastic casing
− Plastic casing protects ferrite from cracking and chipping
− Suitable for conducted emission from kHz to lower MHz range
Part No.
A
B
C
Impedance
Ω/10MHz (1Turn)
TRCB-19-10-10
20
8.1
(11.7)
≥ 11
TRCB-25-15-12
26.7
13.3
(13.5)
≥ 8
TRCB-38-19-13
40.5
16.6
(15.1)
≥ 7
Noise Attenuation Effectiveness
Unit: mm
RFC-*MA – Low frequency, high µ ferrite cores
− Aimed to suppress low frequency noise generated by engine control units (ECU), inverters, and motors
− Split type with heat-resistant plastic casing
− Operating temperature: -40°C ~ 125°C
− Casing designed with a slot for a plastic cable tie
− UL94 V-2 rated housing
Part No.
A
B
C
Applicable Cable
Diameter
Impedance
Ω/10MHz (1 Turn)
RFC-8MA
20.6
19.8
34.0
8.5 (MAX)
≥20
RFC-13MA
29.6
28.4
34.0
12.5~13.5
≥20
RFC-20MA
40.0
40.0
47.0
20 (MAX)
≥20
Unit: mm
Noise Attenuation Effectiveness
MRFC – ferrite clamp for low frequency range
− Aimed to suppress low frequency noise between 150kHz ~ 30MHz
− Plastic screw mount option available
− Operating temperature: -40°C ~ 85°C
− UL94 V-0 rated housing
Part No.
Part No. (screw
mount option)
A
B
C
D
Applicable cable
diameter
Impedance
Ω/10MHz (1 Turn)
MRFC-8
-
20.1
20.4
31.5
35.5
8.5 (MAX)
≥20
MRFC-13
MRFCK-13
29.1
33.05
32.3
37.1
13.5 (MAX)
≥20
MRFC-20
MRFCK2-20
40.3
40
47
53.5
20.0 (MAX)
≥20
Screw mount option
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com