Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC-8MA Datasheet(PDF) 7 Page - KITAGAWA GmbH

Part # RFC-8MA
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RFC-8MA Datasheet(HTML) 7 Page - KITAGAWA GmbH

Back Button RFC-8MA Datasheet HTML 3Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 4Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 5Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 6Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 7Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 8Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 9Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 10Page - KITAGAWA GmbH RFC-8MA Datasheet HTML 11Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FERRITE TILES and SHEET
S
PART NO.
A
B
Impedance*
Ω/25MHz
Impedance*
Ω/100MHz
SD-28-28-0.8
28
0.8
≥22
≥76
SD-28-28-0.8T
28
0.8
≥22
≥76
SD-28-28-1.5
28
1.5
≥34
≥115
SD-28-28-1.5T
28
1.5
≥34
≥115
*Test method for impedance test wire was sandwiched
between two pieces of SD tiles in the center.
SD Tiles – high performance, sintered ferrite tiles for CPU’s high density
Unit: mm
− Solid ferrite tiles for RF noise suppression
− Options for with adhesive (with “T”) and without adhesive (no “T”) available
Part Number
Ferrite Dimension
PET/Mylar Dimension
A
B
C
D
FFS-0.3-1010T
10
10
11.5
11.5
FFS-0.3-1020T
10
20
11.5
21.5
FFS-0.3-1515T
15
15
16.5
16.5
FFS-0.3-2020T
20
20
21.5
21.5
FFS-0.3-2030T
20
30
21.5
31.5
FFS-0.3-2525T
25
25
26.5
26.5
FFS-0.3-3030T
30
30
31.5
31.5
FFS-0.3-5050T
50
50
55
55
Operating temperature: -40 ~ 105°C
FFS Series – flexible ferrite tiles for low frequency
Unit: mm
− 0.3mm thick, flexible ferrite
− Suppresses low frequency noise around 1MHz
− Adhesive on one side for easy mounting onto chip
①PET/Mylarlayer
②Ferritelayer
③Hightempadhesivelayer
FFPC Series
Frequency (MHz)
Frequency (MHz)
FFS Series
FFSX Series
Frequency (MHz)
Ferrite Sheet Permeability Graphs
Part Number
Ferrite
thickness
Total
thickness
Standard Ferrite Size
Tile
Sheet
FFSX-0.1
0.1
0.21
50 x 60
180 x 200
FFSX-0.2
0.2
0.31
50 x 60
180 x 200
FFSX-0.3
0.3
0.41
50 x 60
180 x 200
Operating Temperature: -40°C~+85°C
FFSX Series – flexible ferrite sheet for RFID/NFC and Rezence wireless charging
Unit: mm
− Thin, flexible ferrite sheet with high u’; low loss at lower frequencies
− Effective for RFID/NFC-to-metal systems at 13.56MHz
− Increases field strength from Tx to Rx for wireless charging (6.78MHz)
①PET/Mylarlayer(0.08mm)
②Ferritelayer(seechart)
③Adhesivelayer(0.03mm) A,B:ferritedimension
C, D: PET/Mylar dimension
Part Number
Ferrite Dimension
PET/Mylar Dimension
A
B
C
D
FFPC-0.3-10-5
10
5
32.5
6.5
FFPC-0.3-10-10
10
10
30
11
FFPC-0.3-12-8
12
8
38.5
9.5
FFPC-0.3-14-14
14
14
38
15
FFPC-0.3-22-8
22
8
60.5
9.5
FFPC-0.3-22-14
22
14
54
15
FFPC-0.3-27-14
27
14
70.5
15.5
FFPC-0.3-44-14
44
14
98
15
Operating temperature: -40 ~ 85°C
FFPC Series – flexible ferrite cores
Unit: mm
− 0.3mm thick, flexible ferrite cores that will not shatter if dropped
− Ideal for applications that cannot accept the weight and bulkiness of solid ferrite cores
− Adhesive on one side for easy installation
①PET/Mylarlayer
②Ferritelayer
③Adhesivelayer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com