Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SD1548AI Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # 1SD1548AI
Description  High-Power SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD1548AI Datasheet(HTML) 1 Page - Power Integrations, Inc.

  1SD1548AI Datasheet HTML 1Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 2Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 3Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 4Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 5Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 6Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 7Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 8Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1SD1548AI
Data Sheet
I G BT - Dr i v er . c o m
Page 1
1SD1548AI Single-Channel
High-Power SCALE Driver Core
Description
The SCALE driver 1SD1548AI from CONCEPT is based on a chip set that was developed
specifically for the reliable driving and safe operation of IGBTs and power MOSFETs.
The SCALE driver 1SD1548AI features
a high gate current of ±48A and a
high power of 15W. It has been
specially
developed
for
high-
frequency applications (e.g. resonant
converters) with a high gate-power
requirement or for high gate-current
driving applications (e.g. parallel
connection
of
high-power
IGBT
modules).
Product Highlights
Applications
 Suitable for 1200V and 1700V IGBTs
 Inverters
 Short-circuit and over-current protection
 Motor drive technology
 Extremely reliable, long service life
 Traction
 High gate current of ±48A
 Railroad power supplies
 Electrical insulation of 4000VAC
 Converters
 Electrically insulated status acknowledgement
 Power engineering
 Monitoring of power supply and self-monitoring  Switched-mode power supplies
 Switching frequency DC to 150kHz
 Radiology and laser technology
 Duty cycle: 0... 100%
 DC/DC converters
 High dv/dt immunity, typical >100kV/µs
 Research
 Complete with built-in 15W DC/DC converter
 RF generators and converters


Similar Part No. - 1SD1548AI

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
1SD210F2-FZ750R65KE3 POWERINT-1SD210F2-FZ750R65KE3 Datasheet
145Kb / 6P
Single-Channel SCALE Plug-and-Play IGBT Driver
2016-05-20
logo
List of Unclassifed Man...
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
SCALE High Voltage IGBT Driver
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
SCALE High Voltage IGBT Driver
logo
Power Integrations, Inc...
1SD536F2 POWERINT-1SD536F2 Datasheet
1Mb / 11P
Module Adapted Gate Driver (MAG) for Driving
April 2025
1SD536F2-FZ1500R33HE3 POWERINT-1SD536F2-FZ1500R33HE3 Datasheet
146Kb / 6P
Single-Channel SCALE Plug-and-Play IGBT Driver
2016-05-20
More results

Similar Description - 1SD1548AI

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32 SEMIKRON-SKYPER32 Datasheet
43Kb / 1P
IGBT Driver Core
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
IGBT Driver Core
SKYPER32R SEMIKRON-SKYPER32R Datasheet
43Kb / 1P
IGBT Driver Core
logo
List of Unclassifed Man...
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
SCALE High Voltage IGBT Driver
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
SCALE High Voltage IGBT Driver
logo
Semikron International
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
IGBT Driver Core
SKYPER32R_0701 SEMIKRON-SKYPER32R_0701 Datasheet
638Kb / 16P
IGBT Driver Core
SKYPER32RUL SEMIKRON-SKYPER32RUL Datasheet
444Kb / 16P
IGBT Driver Core
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com