Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SD1548AI Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # 1SD1548AI
Description  High-Power SCALE Driver Core
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD1548AI Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button 1SD1548AI Datasheet HTML 7Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 8Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 9Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 10Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 11Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 12Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 13Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 14Page - Power Integrations, Inc. 1SD1548AI Datasheet HTML 15Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1SD1548AI
Data Sheet
I G BT - Dr i v er . c o m
Page 13
3k3
SCALE Driver
VPOS
LS
LEDOK
Insulated +16V
Ds
COM
Fig. 6 Status display with LED at pin LS
Caution:
The Schottky diode Ds should not be omitted if the local status output is used. If the
local status output is not used, LS should be connected to COM in order to increase the
noise immunity of the driver.
Pin AC: Enhanced active clamping
Pin AC allows the basic active clamping function of the driver to be improved (see
Fig. 1). If it is not used, it should be connected to VNEG.
As the appropriate dimensioning of improved active clamping is complex, time-
consuming and not necessary for most applications, CONCEPT does not support this
feature. However, if this function should be required, or for more information, please
contact CONCEPT’s technical support.
Configuration within the power section
The drivers should be located as closely as possible to the power transistors. The
connecting leads to the transistors should be as short as possible and as low inductance
as possible, i.e. they can be up to 3 cm to 10 cm long depending on the gate current
and switching speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com