Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49120TLEVAL Datasheet(PDF) 18 Page - Texas Instruments

Part # LM49120TLEVAL
Description  LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 14Page - Texas Instruments LM49120TLEVAL Datasheet HTML 15Page - Texas Instruments LM49120TLEVAL Datasheet HTML 16Page - Texas Instruments LM49120TLEVAL Datasheet HTML 17Page - Texas Instruments LM49120TLEVAL Datasheet HTML 18Page - Texas Instruments LM49120TLEVAL Datasheet HTML 19Page - Texas Instruments LM49120TLEVAL Datasheet HTML 20Page - Texas Instruments LM49120TLEVAL Datasheet HTML 21Page - Texas Instruments LM49120TLEVAL Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM49120, LM49120TLEVAL
SNAS431C – JUNE 2008 – REVISED MAY 2013
www.ti.com
Figure 46. Example Write Sequence
Table 1. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 (R/W)
Device
1
1
1
1
1
0
0
0
Address
Table 2. Control Registers
B7
B6
B5
B4
B3
B2
B1
B0
Shutdown Control
0
0
0
OCL/SE
HP/BTL
SD_I2CVDD
Turn_On _Time
PWR_On
Output Mode Control
0
1
0
0
MC3
MC2
MC1
MC0
Output Gain Control
1
0
0
0
LS_GAIN
HP_GAIN2
HP_GAIN1
HP_GAIN0
Mono Input Volume
1
0
1
MG4
MG3
MG2
MG1
MG0
Control
Left Input Volume
1
1
0
LG4
LG3
LG2
LG1
LG0
Control
Right Input Volume
1
1
1
RG4
RG3
RG2
RG1
RG0
Control
Table 3. Shutdown Control Register
Bit
Name
Value
Description
0
Single-Ended headphone mode (Capacitively Coupled)
B4
OSC/SE
1
Output Capacitor-less (OCL) headphone mode
0
Single-ended stereo headphone output mode
B3
HP/BTL
1
Mono, BTL output mode.
I2CVDD acts as an active low RESET input. If I
2CV
DD drops below 1.1V,
0
the device is reset and the I2C registers are restored to their default
B2
SD_I2CVDD
state.
1
Normal Operation. I2CVDD voltage does not reset the device
0
Fast turn on time (120ms)
B1
TURN_ON_TIME
1
Normal turn on time (130ms)
0
Device Disabled
B0
PWR_ON
1
Device Enabled
Table 4. Output Mode Control (HP/BTL = 0)
Output
Mode
MC3
MC2
MC1
MC0
LS Output
HP R Output
HP L Output
Number
0
0
0
0
0
SD
SD
SD
1
0
0
0
1
GM x M
Mute
Mute
2
0
0
1
0
2 x (GL x L + GR x R)
Mute
Mute
2 x (GL x L + GR x R)
3
0
0
1
1
Mute
Mute
+ GM x M
4
0
1
0
0
SD
GM x M/2
GM x M/2
5
0
1
0
1
GM x M
GM x M/2
GM x M/2
6
0
1
1
0
2 x (GL x L + GR x R)
GM x M/2
GM x M/2
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com