Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49120TLEVAL Datasheet(PDF) 20 Page - Texas Instruments

Part # LM49120TLEVAL
Description  LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 16Page - Texas Instruments LM49120TLEVAL Datasheet HTML 17Page - Texas Instruments LM49120TLEVAL Datasheet HTML 18Page - Texas Instruments LM49120TLEVAL Datasheet HTML 19Page - Texas Instruments LM49120TLEVAL Datasheet HTML 20Page - Texas Instruments LM49120TLEVAL Datasheet HTML 21Page - Texas Instruments LM49120TLEVAL Datasheet HTML 22Page - Texas Instruments LM49120TLEVAL Datasheet HTML 23Page - Texas Instruments LM49120TLEVAL Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LM49120, LM49120TLEVAL
SNAS431C – JUNE 2008 – REVISED MAY 2013
www.ti.com
Table 6. Volume Control Table (continued)
Volume Step
_G4
_G3
_G2
_G1
_G0
Gain (dB)
19
1
0
0
1
0
–1.50
20
1
0
0
1
1
0.00
21
1
0
1
0
0
1.50
22
1
0
1
0
1
3.00
23
1
0
1
1
0
4.50
24
1
0
1
1
1
6.00
25
1
1
0
0
0
7.50
26
1
1
0
0
1
9.00
27
1
1
0
1
0
10.50
28
1
1
0
1
1
12.00
29
1
1
1
0
0
13.50
30
1
1
1
0
1
15.00
31
1
1
1
1
0
16.50
32
1
1
1
1
1
18.00
Table 7. Output Gain Control (Headphone)
HP_GAIN2
HP_GAIN1
HP_GAIN0
GAIN (dB)
0
0
0
0
0
0
1
–1.2
0
1
0
–2.5
0
1
1
–4.0
1
0
0
–6.0
1
0
1
–8.5
1
1
0
–12
1
1
1
–18
Table 8. Output Gain Control (Loudspeaker)
Gain (dB)
Gain (dB)
Bit
Value
Differential Input
Single-Ended Input
0
0
+6
LS_GAIN
1
+6
+12
BRIDGE CONFIGURATION EXPLAINED
The LM49120 loudspeaker amplifier is designed to drive a load differentially, a configuration commonly referred
to as a bridge-tied load (BTL). The BTL configuration differs from the single-ended configuration, where one side
of the load is connected to ground. A BTL amplifier offers advantages over a single-ended device. By driving the
load differentially, the output voltage is doubled, compared to a single-ended amplifier under similar conditions.
This doubling of the output voltage leads to a quadrupling of the output power, for example, the theoretical
maximum output power for a single-ended amplifier driving 8
Ω and operating from a 5V supply is 390mW, while
the theoretical maximum output power for a BTL amplifier operating under the same conditions is 1.56W. Since
the amplifier outputs are both biased about VDD/2, there is no net DC voltage across the load, eliminating the DC
blocking capacitors required by single-ended, single-supply amplifiers.
Headphone Amplifier
The LM49120 headphone amplifier features two different operating modes, output capacitor-less (OCL) and
single-ended (SE) capacitor coupled mode.
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com