Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF-DG-K Datasheet(PDF) 4 Page - SICK AG

Part # REF-DG-K
Description  MID RANGE DISTANCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

REF-DG-K Datasheet(HTML) 4 Page - SICK AG

  REF-DG-K Datasheet HTML 1Page - SICK AG REF-DG-K Datasheet HTML 2Page - SICK AG REF-DG-K Datasheet HTML 3Page - SICK AG REF-DG-K Datasheet HTML 4Page - SICK AG REF-DG-K Datasheet HTML 5Page - SICK AG REF-DG-K Datasheet HTML 6Page - SICK AG REF-DG-K Datasheet HTML 7Page - SICK AG REF-DG-K Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DL35-B15552 | Dx35
MID RANGE DISTANCE SENSORS
Resolution 12 bit
Multifunctional input (MF)
1 x 3)
Hysteresis
0 mm ... 34,950 mm 4)
1) Output Q short-circuit protected.
2) Voltage drop < 3 V.
3) Response time ≤ 60 ms.
4) Configurable via IO-Link.
Ambient data
Ambient temperature, operation
–30 °C ... +55 °C, Uv ≤ 24 V
Ambient temperature, storage
–40 °C ... +75 °C
Max. rel. humidity (not condensing)
≤ 95 %
Vibration resistance
EN 60068-2-6, EN 60068-2-64
Shock resistance
EN 60068-2-27
Classifications
ECLASS 5.0
27270801
ECLASS 5.1.4
27270801
ECLASS 6.0
27270801
ECLASS 6.2
27270801
ECLASS 7.0
27270801
ECLASS 8.0
27270801
ECLASS 8.1
27270801
ECLASS 9.0
27270801
ECLASS 10.0
27270801
ECLASS 11.0
27270801
ECLASS 12.0
27270916
ETIM 5.0
EC001825
ETIM 6.0
EC001825
ETIM 7.0
EC001825
ETIM 8.0
EC001825
UNSPSC 16.0901
41111613
4
LASER DISTANCE SENSORS | SICK
Product data sheet | 2024-03-04 11:16:16
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com