Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF-DG-K Datasheet(PDF) 6 Page - SICK AG

Part # REF-DG-K
Description  MID RANGE DISTANCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

REF-DG-K Datasheet(HTML) 6 Page - SICK AG

  REF-DG-K Datasheet HTML 1Page - SICK AG REF-DG-K Datasheet HTML 2Page - SICK AG REF-DG-K Datasheet HTML 3Page - SICK AG REF-DG-K Datasheet HTML 4Page - SICK AG REF-DG-K Datasheet HTML 5Page - SICK AG REF-DG-K Datasheet HTML 6Page - SICK AG REF-DG-K Datasheet HTML 7Page - SICK AG REF-DG-K Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DL35-B15552 | Dx35
MID RANGE DISTANCE SENSORS
Repeatability
Characteristic curve 1) Super Slow ... 5) Super Fast
Distance in m (feet)
(32.8)
(0.08)
(0.16)
(0.24)
(0.31)
(0.39)
(65.6)
(98.4)
(131.2)
(164.1)
0
50
Repeatability in mm (inch)
0
2
4
6
8
10
10
20
30
40
Fast
Medium
Slow
Super Slow
Super Fast
Functional reserve
Specification basis
technical data
Secured performance
Super Slow ... Super Fast
Recommended accessories
Other models and accessories
www.sick.com/Dx35
Brief description
Type
Part no.
Universal bar clamp systems
Plate N02 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N02
2051608
Mounting brackets and plates
Mounting bracket: horizontal sending axis for ceiling or floor installation or vertical send-
ing axis for wall installation, steel, zinc coated, incl. mounting material, steel, zinc coat-
ed, mounting hardware for the sensor included
BEF-WN-DX35
2069592
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF2A15-
020VB5XLEAX
2096239
Head A: female connector, M12, 5-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YG2A15-
020VB5XLEAX
2096215
1) Customizable
length by sheet.
Width max.
74.9 cm, length
max. 91.4 cm.
6
LASER DISTANCE SENSORS | SICK
Product data sheet | 2024-03-04 11:16:16
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com