Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV761MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV761MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV761MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV761MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
-1
0
1
2
3
4
5
6
0
10
20
30
40
50
TIME (µs)
C001
VOUT
Va
Vc
CC
2
3
A2
1
2
3
V
(R
R )
V
R
(R
R )
R
R
CC
2
A1
2
1
3
V
R
V
R
R
R
˜
R
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
Consider the output of Figure 23 is high to analyze the circuit. That implies that the inverted input (VC) is lower
than the noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC increases until
it is equal to the noninverting input. The value of VA at this point is calculated by Equation 4:
(4)
If R1 = R2 = R3, then VA1 = 2 VCC / 3
At this point the comparator switches pulling down the output to the negative rail. The value of VA at this point is
calculated by Equation 5:
(5)
If R1 = R2 = R3, then VA2 = VCC / 3.
The capacitor C1 now discharges through R4, and the voltage VC decreases until it is equal to VA2, at which point
the comparator switches again, bringing it back to the initial stage. The time period is equal to twice the time it
takes to discharge C1 from 2 VCC / 3 to VCC / 3, which is given by R4C1 × ln2. Hence, the formula for the
frequency is calculated by Equation 6:
F = 1 / (2 × R4 × C1 × ln2)
(6)
8.2.3 Application Curve
Figure Figure 25 shows the simulated results of an oscillator using the following values:
•
R1 = R2 = R3 = R4 = 100 kΩ
•
C1 = 100 pF, CL = 20 pF
•
V+ = 5 V, V– = GND
•
CSTRAY (not shown) from Va to GND = 10 pF
Figure 25. Square-Wave Oscillator Output Waveform
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com