Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV761MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV761MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV761MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV761MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
VO
0
VIN2
VIN1
VIN
VO
VIN
VCC
VREF
-
+
R2
R1
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Hysteresis can easily be added to a comparator in a noninverting configuration with two resistors and positive
feedback Figure 22. The output will switch from low to high when VIN rises up to VIN1, where VIN1 is calculated by
Equation 1:
VIN1 = [VREF(R1 + R2)] / R2
(1)
The output will switch from high to low when VIN falls to VIN2, where VIN2 is calculated by Equation 2:
VIN2 = [VREF(R1 + R2) – (VCC R1)] / R2
(2)
The Hysteresis is the difference between VIN1 and VIN2, as calculated by Equation 3:
ΔVIN = VIN1 – VIN2 = [VREF(R1 + R2) / R2] – [VREF(R1 + R2)] – [(VCC R1) / R2] = VCC R1 / R2
(3)
Figure 21. Basic Comparator With Hysteresis
Figure 22. Noninverting Comparator Configuration
7.3.3 Input
The LMV76x devices have near-zero input bias current, which allows very high resistance circuits to be used
without any concern for matching input resistances. This near-zero input bias also allows the use of very small
capacitors in R-C type timing circuits. This reduces the cost of the capacitors and amount of board space used.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The LMV761 features a low-power shutdown pin that is activated by driving SD low. In shutdown mode, the
output is in a high-impedance state, supply current is reduced to 20 nA and the comparator is disabled. Driving
SD high will turn the comparator on. The SD pin must not be left unconnected due to the fact that it is a high-
impedance input. When left unconnected, the output will be at an unknown voltage. Do not three-state the SD
pin.
The maximum input voltage for SD is 5.5 V referred to ground and is not limited by VCC. This allows the use of
5-V logic to drive SD while VCC operates at a lower voltage, such as 3 V. The logic threshold limits for SD are
proportional to VCC.
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com