Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5523 Datasheet(PDF) 27 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments LP5523 Datasheet HTML 25Page - Texas Instruments LP5523 Datasheet HTML 26Page - Texas Instruments LP5523 Datasheet HTML 27Page - Texas Instruments LP5523 Datasheet HTML 28Page - Texas Instruments LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments LP5523 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
27
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
50
PROGRAM MEMORY
00H/10H/20H/30H/40H/50H
[15:8]
R/W
00000000
CMD
Every Instruction is 16-bit width.
The LP5523 can store 96 instructions. Each
instruction consists of 16 bits. Because one
register has only 8 bits, one instruction requires
two register addresses. In order to reduce
program load time the LP5523 supports address
auto-incrementation. Register address is
incremented after each 8 data bits. Thus the
whole program memory page can be written in
one serial bus write sequence.
51
[7:0]
R/W
00000000
52
PROGRAM MEMORY
01H/11H/21H/31H/41H/51H
[15:8]
R/W
00000000
53
[7:0]
R/W
00000000
54
PROGRAM MEMORY
02H/12H/22H/32H/42H/52H
[15:8]
R/W
00000000
55
[7:0]
R/W
00000000
56
PROGRAM MEMORY
03H/13H/23H/33H/43H/53H
[15:8]
R/W
00000000
57
[7:0]
R/W
00000000
58
PROGRAM MEMORY
04H/14H/24H/34H/44H/54H
[15:8]
R/W
00000000
59
[7:0]
R/W
00000000
5A
PROGRAM MEMORY
05H/15H/25H/35H/45H/55H
[15:8]
R/W
00000000
5B
[7:0]
R/W
00000000
5C
PROGRAM MEMORY
06H/16H/26H/36H/46H/56H
[15:8]
R/W
00000000
5D
[7:0]
R/W
00000000
5E
PROGRAM MEMORY
07H/17H/27H/37H/47H/57H
[15:8]
R/W
00000000
5F
[7:0]
R/W
00000000
60
PROGRAM MEMORY
08H/18H/28H/38H/48H/58H
[15:8]
R/W
00000000
61
[7:0]
R/W
00000000
62
PROGRAM MEMORY
09H/19H/29H/39H/49H/59H
[15:8]
R/W
00000000
63
[7:0]
R/W
00000000
64
PROGRAM MEMORY
0AH/1AH/2AH/3AH/4AH/5A
H
[15:8]
R/W
00000000
65
[7:0]
R/W
00000000
66
PROGRAM MEMORY
0BH/1BH/2BH/3BH/4BH/5B
H
[15:8]
R/W
00000000
67
[7:0]
R/W
00000000
68
PROGRAM MEMORY
0CH/1CH/2CH/3CH/4CH/5
CH
[15:8]
R/W
00000000
69
[7:0]
R/W
00000000
6A
PROGRAM MEMORY
0DH/1DH/2DH/36D/46D/5D
H
[15:8]
R/W
00000000
6B
[7:0]
R/W
00000000
6C
PROGRAM MEMORY
0EH/1EH/2EH/3EH/4EH/5E
H
[15:8]
R/W
00000000
6D
[7:0]
R/W
00000000
6E
PROGRAM MEMORY
0FH/1FH/2FH/3FH/4FH/5F
H
[15:8]
R/W
00000000
6F
[7:0]
R/W
00000000
70
ENG1 MAPPING MSB
[0]
R
xxxxxxx0
D9
Engine 1 mapping information, D9 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com