Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5562 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP5562
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 18Page - Texas Instruments LP5562 Datasheet HTML 19Page - Texas Instruments LP5562 Datasheet HTML 20Page - Texas Instruments LP5562 Datasheet HTML 21Page - Texas Instruments LP5562 Datasheet HTML 22Page - Texas Instruments LP5562 Datasheet HTML 23Page - Texas Instruments LP5562 Datasheet HTML 24Page - Texas Instruments LP5562 Datasheet HTML 25Page - Texas Instruments LP5562 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
22
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.3.5 External Clock
The presence of an external clock can be detected by the LP5562. Program execution is clocked with an internal
32-kHz clock or with an external clock. Clocking is controlled with register address 08h bits, INT_CLK_EN, and
CLK_DET_EN as seen in Table 22.
An external clock can be used if clock is present at the CLK_32K pin. The external clock frequency must be 32
kHz for the program execution PWM timing to be as specified. If higher or lower frequency is used, it will affect
the program engine execution speed. If a clock frequency other than 32 kHz is used, the program execution
timings must be scaled accordingly.
The LP5562 has automatic external clock detection. The external clock detector block only detects too low clock
frequency (< 4 kHz), but it is recommended not to use external clock below 20 kHz. If external clock frequency is
higher than specified, the external clock detector notifies that external clock is present. External clock status can
be checked with read only bit EXT_CLK_USED in register address 0Ch, when the external clock detection is
enabled (CLK_DET_EN bit = high). If EXT_CLK_USED = 1, then the external clock is detected and it is used for
timing, if automatic clock selection is enabled.
If an external clock is stuck-at-zero or stuck-at-one, or the clock frequency is too low, the clock detector indicates
that external clock is not present.
If an external clock is not used on the application, CLK_32K pin should be connected to GND to prevent floating
of this pin and extra current consumption.
Table 22. CONFIG Register (08h)
NAME
BIT
DESCRIPTION
CLK_DET_EN,
INT_CLK_EN
1:0
LED Controller clock source
00b = External clock source (CLK_32K)
01b = Internal clock
10b = Automatic selection
11b = Internal clock
7.3.6 Thermal Shutdown
If the LP5562 reaches thermal shutdown temperature (150°C typical) the device operation is disabled and the
device state is in STARTUP mode, until no thermal shutdown event is present. Device will enter Normal mode
when temperature drops below 130°C (typical) degrees.
Fault is cleared when thermal shutdown disappears.
7.3.7 Logic Interface Operational Description
The LP5562 features a flexible logic interface for connecting to processor and peripheral devices.
Communication is done with the I2C-compatible interface, and different logic input/output pins makes it possible
to synchronize operation of several devices.
7.3.8 I/O Levels
I2C interface, CLK_32K. ADDR_SEL0, and ADDR_SEL1 pins input levels are defined by voltage in EN pin. Using
the EN pin as a voltage reference for logic inputs simplifies PCB routing and eliminates the need for a dedicated
VIO pin. The following block diagram describes EN pin connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com