Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5562 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP5562
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 10Page - Texas Instruments LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments LP5562 Datasheet HTML 13Page - Texas Instruments LP5562 Datasheet HTML 14Page - Texas Instruments LP5562 Datasheet HTML 15Page - Texas Instruments LP5562 Datasheet HTML 16Page - Texas Instruments LP5562 Datasheet HTML 17Page - Texas Instruments LP5562 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
0
255
16 32
48 64
80
96 112 128 144 160 176 192 208 224 240
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
LOG_EN = 1
LOG_EN = 0
CONTROL (DEC)
0
SVA-30197405
14
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Figure 15. Logarithmic and Linear PWM Adjustment Curves
7.3.3 Program Execution Engines
Use of program execution engines is the other LED output PWM control method available in the LP5562. The
device has 3 program execution engines. These engines create PWM controlled lighting patterns to the mapped
LED outputs according to program codes developed by the user. Program coding is done using programming
commands (see Program Execution Engine Programming Commands.) Programs are loaded into SRAM memory
and engine control bits are used to run these programs autonomously. LED outputs can be mapped into these 3
engines with register 70h bit settings (see Table 3). The engines have different operation modes, program
execution states, and program counters. Each engine has its own section of the SRAM memory.
7.3.3.1 Program Execution Engine States
Engine program execution is controlled from ENABLE register (00h). There are four different states for each
engine, and these states are described in Table 6.
Table 6. ENABLE Register (00h)
NAME
BIT
DESCRIPTION
ENG1_EXEC
5:4
Engine 1 program execution
00b = Hold: Wait until current command is finished then stop while
EXEC mode is hold. PC can be read or written only in this mode.
01b = Step: Execute instruction defined by current Engine 1 PC value,
increment PC, and change ENG1_EXEC to 00b (Hold).
10b = Run: Start at program counter value defined by current Engine 1
PC value.
11b = Execute instruction defined by current Engine 1 PC value and
change ENG1_EXEC to 00b (Hold).
ENG2_EXEC
3:2
Engine 2 program execution
00b = Hold: Wait until current command is finished then stop while
EXEC mode is hold. PC can be read or written only in this mode.
01b = Step: Execute instruction defined by current Engine 2 PC value,
increment PC, and change ENG2_EXEC to 00b (Hold).
10b = Run: Start at program counter value defined by current Engine 2
PC value.
11b = Execute instruction defined by current Engine 2 PC value and
change ENG2_EXEC to 00b (Hold).
ENG3_EXEC
1:0
Engine 3 program execution
00b = Hold: Wait until current command is finished then stop while
EXEC mode is hold. PC can be read or written only in this mode.
01b = Step: Execute instruction defined by current engine 3 PC value,
increment PC, and change ENG3_EXEC to 00b (Hold).
10b = Run: Start at program counter value defined by current engine 3
PC value.
11b = Execute instruction defined by current engine 3 PC value and
change ENG3_EXEC to 00b (Hold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com