Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS787 Datasheet(PDF) 43 Page - Texas Instruments

Part # SLAS787
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787 Datasheet(HTML) 43 Page - Texas Instruments

Back Button SLAS787 Datasheet HTML 39Page - Texas Instruments SLAS787 Datasheet HTML 40Page - Texas Instruments SLAS787 Datasheet HTML 41Page - Texas Instruments SLAS787 Datasheet HTML 42Page - Texas Instruments SLAS787 Datasheet HTML 43Page - Texas Instruments SLAS787 Datasheet HTML 44Page - Texas Instruments SLAS787 Datasheet HTML 45Page - Texas Instruments SLAS787 Datasheet HTML 46Page - Texas Instruments SLAS787 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Processor Family
CC = Embedded RF Radio
MSP = Mixed Signal Processor
XMS = Experimental Silicon
PMS = Prototype Device
430 MCU Platform
TI’s Low Power Microcontroller Platform
Device Type
Memory Type
C = ROM
F = Flash
FR = FRAM
G = Flash or FRAM (Value Line)
L = No Nonvolatile Memory
Specialized Application
AFE = Analog Front End
BT = Preprogrammed with Bluetooth
BQ = Contactless Power
CG = ROM Medical
FE = Flash Energy Meter
FG = Flash Medical
FW = Flash Electronic Flow Meter
Series
1 Series = Up to 8 MHz
2 Series = Up to 16 MHz
3 Series = Legacy
4 Series = Up to 16 MHz w/ LCD
5 Series = Up to 25 MHz
6 Series = Up to 25 MHz w/ LCD
0 = Low Voltage Series
Feature Set
Various Levels of Integration Within a Series
Optional: A = Revision
N/A
Optional: Temperature Range S = 0°C to 50 C
C to 70 C
I = -40 C to 85 C
T = -40 C to 105 C
°
C = 0°
°
°
°
°
°
Packaging
www.ti.com/packaging
Optional: Tape and Reel
T = Small Reel (7 inch)
R = Large Reel (11 inch)
No Markings = Tube or Tray
Optional: Additional Features
-EP = Enhanced Product (-40°C to 105°C)
-HT = Extreme Temperature Parts (-55°C to 150°C)
-Q1 = Automotive Q100 Qualified
MSP 430 F 5 438 A I ZQW T XX
Processor Family
Series
Optional: Temperature Range
430 MCU Platform
Packaging
Device Type
Optional: A = Revision
Optional: Tape and Reel
Feature Set
Optional: Additional Features
MSP430G2231-Q1
www.ti.com
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
Figure 17. Device Nomenclature
11.2 Documentation Support
11.2.1 Related Documents
The following documents describe the MSP430G2231 device. Copies of these documents are available on the
Internet at www.ti.com.
SLAU144 MSP430x2xx Family User's Guide. Detailed information on the modules and peripherals available in
this device family.
SLAZ417 MSP430G2231 Device Erratasheet. Describes the known exceptions to the functional specifications
for the MSP430G2231 device.
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E Community
TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At e2e.ti.com, you
can ask questions, share knowledge, explore ideas, and help solve problems with fellow engineers.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com