Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS787 Datasheet(PDF) 14 Page - Texas Instruments

Part # SLAS787
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SLAS787 Datasheet HTML 10Page - Texas Instruments SLAS787 Datasheet HTML 11Page - Texas Instruments SLAS787 Datasheet HTML 12Page - Texas Instruments SLAS787 Datasheet HTML 13Page - Texas Instruments SLAS787 Datasheet HTML 14Page - Texas Instruments SLAS787 Datasheet HTML 15Page - Texas Instruments SLAS787 Datasheet HTML 16Page - Texas Instruments SLAS787 Datasheet HTML 17Page - Texas Instruments SLAS787 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
8.8.8 Peripheral File Map
Table 11. Peripherals With Word Access
REGISTER
MODULE
REGISTER DESCRIPTION
OFFSET
NAME
ADC10
ADC data transfer start address
ADC10SA
1BCh
ADC control 0
ADC10CTL0
01B0h
ADC control 1
ADC10CTL0
01B2h
ADC memory
ADC10MEM
01B4h
Timer_A
Capture/compare register
TACCR1
0174h
Capture/compare register
TACCR0
0172h
Timer_A register
TAR
0170h
Capture/compare control
TACCTL1
0164h
Capture/compare control
TACCTL0
0162h
Timer_A control
TACTL
0160h
Timer_A interrupt vector
TAIV
012Eh
Flash Memory
Flash control 3
FCTL3
012Ch
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h
Watchdog Timer+
Watchdog/timer control
WDTCTL
0120h
Table 12. Peripherals With Byte Access
REGISTER
MODULE
REGISTER DESCRIPTION
OFFSET
NAME
ADC10
ADC analog enable
ADC10AE0
04Ah
ADC data transfer control 1
ADC10DTC1
049h
ADC data transfer control 0
ADC10DTC0
048h
USI
USI control 0
USICTL0
078h
USI control 1
USICTL1
079h
USI clock control
USICKCTL
07Ah
USI bit counter
USICNT
07Bh
USI shift register
USISR
07Ch
Basic Clock System+
Basic clock system control 3
BCSCTL3
053h
Basic clock system control 2
BCSCTL2
058h
Basic clock system control 1
BCSCTL1
057h
DCO clock frequency control
DCOCTL
056h
Port P2
Port P2 resistor enable
P2REN
02Fh
Port P2 selection
P2SEL
02Eh
Port P2 interrupt enable
P2IE
02Dh
Port P2 interrupt edge select
P2IES
02Ch
Port P2 interrupt flag
P2IFG
02Bh
Port P2 direction
P2DIR
02Ah
Port P2 output
P2OUT
029h
Port P2 input
P2IN
028h
14
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com