Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA693IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA693IDBVT Datasheet HTML 2Page - Texas Instruments OPA693IDBVT Datasheet HTML 3Page - Texas Instruments OPA693IDBVT Datasheet HTML 4Page - Texas Instruments OPA693IDBVT Datasheet HTML 5Page - Texas Instruments OPA693IDBVT Datasheet HTML 6Page - Texas Instruments OPA693IDBVT Datasheet HTML 7Page - Texas Instruments OPA693IDBVT Datasheet HTML 8Page - Texas Instruments OPA693IDBVT Datasheet HTML 9Page - Texas Instruments OPA693IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
OPA693
6
SBOS285A
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +5V (Cont.)
Boldface limits are tested at +25
°C.
G = +2 (–IN grounded though 0.001
µF) and R
L = 100Ω to VS/2 (see Figure 4 for AC performance only), unless otherwise noted.
OPA693ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C(1)
+25
°C70°C
+85
°C
UNITS
MAX LEVEL(2 )
DISABLE/POWER DOWN ( DIS Pin)
Power-Down Supply Current (+VS)VDIS = 0
–95
–155
–172
–180
µA
typ
A
Off Isolation
G = +2, 5MHz
65
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn-On Glitch
G = +2, RL = 150Ω, VIN = 2.5V
±20
mV
typ
B
Turn-Off Glitch
G = +2, RL = 150Ω, VIN = 2.5V
±20
mV
typ
B
Enable Voltage
3.3
3.5
3.6
3.7
V
min
B
Disable Voltage
1.8
1.7
1.6
1.5
V
max
B
Control Pin Input Bias Current (DIS )VDIS = 0
80
137
153
160
µA
typ
A
POWER SUPPLY
Specified Single-Supply Operating Voltage
5
V
typ
C
Maximum Single-Supply Operating Voltage
+12
+12
+12
V
max
A
Maximum Quiescent Current
VS = +5V
11.5
12.0
12.5
12.9
mA
max
A
Minimum Quiescent Current
VS = +5V
11.5
11.0
9.5
9.2
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input Referred
57
dB
typ
C
TEMPERATURE RANGE
Specification: D, DBV
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
DSO-8
125
°C/W
typ
C
DBV SOT23-6
150
°C/W
typ
C
(1) Junction temperature = ambient temperature for low temperature limit and +25
°C specifications. Junction temperature = ambient temperature +10°C at high
temperature limit specifications.
(2) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation.
(B) Limits set by characterization and simulation.
(C) Typical value only for information.
(3) Current is considered positive out-of-node. VCM is the input common-mode voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com