Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA693IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA693IDBVT Datasheet HTML 5Page - Texas Instruments OPA693IDBVT Datasheet HTML 6Page - Texas Instruments OPA693IDBVT Datasheet HTML 7Page - Texas Instruments OPA693IDBVT Datasheet HTML 8Page - Texas Instruments OPA693IDBVT Datasheet HTML 9Page - Texas Instruments OPA693IDBVT Datasheet HTML 10Page - Texas Instruments OPA693IDBVT Datasheet HTML 11Page - Texas Instruments OPA693IDBVT Datasheet HTML 12Page - Texas Instruments OPA693IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
OPA693
9
SBOS285A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω, unless otherwise specified.
100
10
1
100
1k
10k
100k
1M
10M
Frequency (MHz)
INPUT VOLTAGE vs CURRENT NOISE DENSITY
22pA/
√Hz
Inverting Current Noise (internal)
Noninverting Current Noise
Voltage Noise
17.8pA/
√Hz
1.8nV/
√Hz
60
50
40
30
20
2-TONE, 3RD-ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
0
25
50
75
100
125
150
175
200
OPA693
50
Ω
P
I
+5V
−5V
P
O
50
Ω
R
F
300
Ω
50
Ω
R
G
300
Ω
OPA693
P
I
+5V
−5V
P
O
500
Ω
R
F
300
Ω
50
Ω
R
G
300
Ω
0
−10
−20
−30
−40
−50
−60
−70
10
100
1000
Frequency (MHz)
INPUT RETURN LOSS vs FREQUENCY (S
11)
See Figure 3
See Figure 1
VSWR < 1.2:1
G =
−1
G = +2
0
−10
−20
−30
−40
−50
−60
10
100
1000
Frequency (MHz)
OUTPUT RETURN LOSS vs FREQUENCY (S
22)
VSWR < 1.2:1
G = +2
See Figure 1
No Output
Trim Capacitor
With
Trim Capacitor
OPA693
50
Ω
1.8pF
S22
60
50
40
30
20
10
0
1
10
100
Capacitive Load (pF)
RECOMMENDED R
S vs CAPACITIVE LOAD
G = +2
< 0.1dB Peaking
OPA693
RS
VIN
VO
CL
1k
Ω
300
Ω
50
Ω
300
Ω
1k
Ω is optional
9
6
3
0
−3
−6
−9
10
100
1000
Frequency (MHz)
SMALL-SIGNAL FREQUENCY RESPONSE
vs CAPACITIVE LOAD
G = +2
Optimized R
S
C
L = 100pF
C
L = 10pF
C
L = 50pF
C
L = 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com