Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT3002DNPR Datasheet(PDF) 36 Page - Texas Instruments

Part # OPT3002DNPR
Description  OPT3002 Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPT3002DNPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button OPT3002DNPR Datasheet HTML 30Page - Texas Instruments OPT3002DNPR Datasheet HTML 31Page - Texas Instruments OPT3002DNPR Datasheet HTML 32Page - Texas Instruments OPT3002DNPR Datasheet HTML 33Page - Texas Instruments OPT3002DNPR Datasheet HTML 34Page - Texas Instruments OPT3002DNPR Datasheet HTML 35Page - Texas Instruments OPT3002DNPR Datasheet HTML 36Page - Texas Instruments OPT3002DNPR Datasheet HTML 37Page - Texas Instruments OPT3002DNPR Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
NOTES: (continued)
5. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
SOLDER MASK DETAILS
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
SOLDER MASK
OPENING
METAL
METAL
SOLDER MASK
OPENING
LAND PATTERN EXAMPLE
SCALE: 30X
℄
SYMM
℄
SYMM
(Ø0.2) VIA
TYP
SEE DETAILS
1
3
4
6
(1.9)
6X (0.25)
6X (0.5)
4X (0.65)
(0.8)
(0.65)
(1.35)
EXAMPLE BOARD LAYOUT
4221434/C 01/2018
www.ti.com
USON - 0.65 mm mm max height
DNP0006A
PLASTIC SMALL OUTLINE NO-LEAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com