Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT3002DNPR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPT3002DNPR
Description  OPT3002 Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPT3002DNPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPT3002DNPR Datasheet HTML 4Page - Texas Instruments OPT3002DNPR Datasheet HTML 5Page - Texas Instruments OPT3002DNPR Datasheet HTML 6Page - Texas Instruments OPT3002DNPR Datasheet HTML 7Page - Texas Instruments OPT3002DNPR Datasheet HTML 8Page - Texas Instruments OPT3002DNPR Datasheet HTML 9Page - Texas Instruments OPT3002DNPR Datasheet HTML 10Page - Texas Instruments OPT3002DNPR Datasheet HTML 11Page - Texas Instruments OPT3002DNPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
1
1.5
2
2.5
3
3.5
D013
Vdd = 3.3V
Vdd = 1.6V
Temperature (qC)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D014
Vdd = 3.3V
Vdd = 1.6V
Input Illuminance (nW/cm2)
10000
100000
1000000
1E+7
1
1.5
2
2.5
3
3.5
4
D011
Input Illuminance (nW/cm2)
0
2000000 4000000 6000000 8000000
1E+7
1.2E+7
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D011
D012
Power Supply (V)
1.6
2
2.4
2.8
3.2
3.6
0.998
0.999
1
1.001
1.002
D009
Incidence Angle (Degrees)
-80
-60
-40
-20
0
20
40
60
80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D010
8
OPT3002
SBOS745A – MAY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPT3002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1), automatic full-scale range (RN[3:0] = 1100b), white LED, and
normal-angle incidence of light (unless otherwise specified)
Figure 8. Normalized Response vs Power-Supply Voltage
Figure 9. Normalized Response vs Incidence Angle
M[1:0] = 10b, illuminance derived from white LED
Figure 10. Supply Current in Active State vs
Input Illuminance
M[1:0] = 00b, illuminance derived from white LED
Figure 11. Supply Current in Shutdown State vs
Input Illuminance
M[1:0] = 10b
Figure 12. Supply Current in Active State vs Temperature
M[1:0] = 00b, input illuminance = 0 nW/cm2
Figure 13. Supply Current in Shutdown State vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com