Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4-CONFIG Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # R4-CONFIG
Description  Relio R4 Configurable 1U Rackmount Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

R4-CONFIG Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  R4-CONFIG Datasheet HTML 1Page - Sealevel Systems, Inc. R4-CONFIG Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Relio R4 Configurable 1U Rackmount
Industrial Computer
The Relio R4 is a fanless, solid-state 1U rackmount computer with no internal cables. The system is ideal for industrial and
commercial applications that demand high reliability, I/O expansion, scalable processing, and a long product life cycle.
The R4 builds upon the advantages of the COM Express architecture and features your choice of Intel dual-core processor (Atom
N2800 1.8 GHz; Core i3 1.6 GHz; Core i7 1.7 GHz). The Core i3 and Core i7 processor options add support for 64-bit operating
systems and up to 16 GB RAM. The rackmount system requires low power consumption while operating fanless over a wide operating
temperature range of 0°C to 50°C. A wealth of standard I/O features include dual Gigabit Ethernet, five USB 2.0 ports, three serial ports,
DisplayPort video, and audio interfaces. The R4 operates with no moving parts or internal cables, eliminating the most common causes
of failure.
Featuring two SeaRAQ™ I/O expansion slots, the Relio R4 offers extra expansion capabilities and supports a variety of real-world
analog I/O configurations such as A/D inputs, 4-20mA outputs, 0-20mA inputs, thermocouples, and RTD inputs. Optically isolated
inputs, relay outputs, and additional serial interfaces are also available.
The Relio R4 operates from your choice of 2.5″ SATA solid-state disk (SSD) that can be integrated and preloaded with Microsoft
Windows or Linux operating systems. Operating from solid-state disk, the system is perfect for industrial and commercial rackmount
environments including process control, test & measurement, and HMI applications.
Extended temperature range and other options are available. If you have application-specific requirements, call today to discuss a
Part: R4-Config | Model: Relio R4
WORLD CL AS S . A MERICAN MA DE.


Similar Part No. - R4-CONFIG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4-BMBS-20PK-R0 ETC2-R4-BMBS-20PK-R0 Datasheet
1Mb / 1P
Distinguished blade shape for airflow improvement.
R4-SXDP-20FB-R1 ETC2-R4-SXDP-20FB-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
R4-SXDP-20FG-R1 ETC2-R4-SXDP-20FG-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
R4-SXDP-20FR-R1 ETC2-R4-SXDP-20FR-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
R4-SXNP-20FK-R1 ETC2-R4-SXNP-20FK-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
More results

Similar Description - R4-CONFIG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARC-615M AAEON-ARC-615M Datasheet
421Kb / 2P
1U Rackmount Chassis, Industrial ATX/ uATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
1U Rackmount 8 LAN Ports Network Appliance
logo
List of Unclassifed Man...
B004-008 ETC2-B004-008 Datasheet
480Kb / 4P
8-Port 1U Rackmount KVM Switch
logo
Axiomtek Co., Ltd.
AX61120TP AXIOMTEK-AX61120TP_16 Datasheet
431Kb / 2P
1U Rackmount Chassis for full-size SBC
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61120TP AXIOMTEK-AX61120TP_17 Datasheet
429Kb / 2P
1U Rackmount Chassis for full-size SBC
logo
Moxa Inc.
DA-681A MOXA-DA-681A Datasheet
1Mb / 6P
IEC-61850, 1U rackmount computer with 6 Gigabit Ethernet
logo
Lanner All Rights Reser...
NCA-5530 LANNER-NCA-5530 Datasheet
413Kb / 2P
1U 19” Rackmount Network Appliance Built 1U 19” Rackmount Network Appliance Built Processors (Codenamed Ice Lake SP)
V1-2021.11.17
logo
EDA Technology Co.,LTD
ED-IPC2200 EDATEC-ED-IPC2200 Datasheet
612Kb / 6P
High Configurable Industrial Computer Based on Rasberry Pi CM4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com