Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4-CONFIG Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # R4-CONFIG
Description  Relio R4 Configurable 1U Rackmount Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

R4-CONFIG Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  R4-CONFIG Datasheet HTML 1Page - Sealevel Systems, Inc. R4-CONFIG Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Relio R4 Configurable 1U Rackmount Industrial Computer
Part: R4-Config | Model: Relio R4
Features
• 1U rackmount enclosure with powder-coated finish
• Silent solid-state design with no fans, internal cables or other
moving parts
• Wide temperature operation from 0-50C ambient
• COM Express Type 6 Module supports Intel dual-core
• Atom, Core i3, and i7 processors
• Up to 16GB DDR3 RAM
• Removable 2.5” solid-state disk (SSD) drive is perfect for
industrial applications
• Integrated graphics supporting DirectX and OpenGL 3.x
• Two SeaRAQ expansion slots for optional analog, digital and serial I/O
• Supports ACPI power management
Enclosure Front
• Removable 2.5” solid-state disk (SSD) drive tray
• One high-retention USB 2.0 port
• ED status indicators for power and disk activity
Enclosure Rear
• Two SeaRAQ expansion slots for optional analog, digital and serial I/O
• Two 10/100/1000BaseT RJ45 Gigabit Ethernet ports with status LEDs
• Four USB 2.0 ports
• Three DB9M serial ports (COM1,2 = RS-232, COM3 = RS-485)
• One DisplayPort 1.1 digital video connector (supports optional active
analog VGA adapters)
• 18-36 VDC power input locking connector
What’s In the Box?
• Relio R4 rackmount computer
• 100-240 VAC to 21 VDC @ 3 A, 63 Watt desktop power supply
(Item# TR145), with attached Kycon KPPX-4P connector
• NEMA 5-15P US power cord, 72 inch length (Item# CA248)
Specifications
Family
Relio
Max RAM
16GB ECC DDR3 1333MHz via Two
204-pin SODIMM Slots (Core i3, i7),
4GB DDR3 1066MHz via 204-pin
SODIMM Slot (Atom)
Max Video
QXGA 2048×1536 @ 60Hz (Core i3, i7),
WUXGA 1920×1200 A 60Hz (Atom)
Chipset
Intel NM10 Express (Atom), Intel QM77
Express (Core i3, i7)
CPU
1.6GHz Intel Core i3-3217UE Dual-Core,
1.7GHz Intel Core i7-3517UE Dual-Core
(Up to 2.8GHz Turbo), 1.8GHz Intel
Atom Dual-Core N2800
Dimensions
19.0” (L) x 8.0” (W) x 1.75” (H)
Display Support
DisplayPort 1.1
Expansion Slots
2 SeaRAQ I/O Slots, One PCI Express
Half-Size Mini Card (Internal)
Extended
Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity,
Non-Condensing
USB 2.0 Ports
Four (Rear), One High-Retention (Front)
BIOS
AMI Aptio EFI with CMOS Backup in
16MB SPI Flash (Atom), AMI Aptio UEFI
(Core i3, i7)
Operating
Temperature
0°C to 50°C (32°F to 122°F)
Power Requirement
18-36 VDC (Max. 120W)
Serial Ports
Two RS-232, One RS-485
Storage
Temperature
-20°C to 80°C (-4°F to 176°F)
WORLD CL AS S . A MERICAN MA DE.
Since 1986
Design & Manufacturing Experience
Long-term Availability Guaranteed
Lifetime Warranty
SL 9316-E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com