Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534AD Datasheet(PDF) 9 Page - Texas Instruments

Part # SA5534AD
Description  NE5534x, SA5534x Low-Noise Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SA5534AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SA5534AD Datasheet HTML 5Page - Texas Instruments SA5534AD Datasheet HTML 6Page - Texas Instruments SA5534AD Datasheet HTML 7Page - Texas Instruments SA5534AD Datasheet HTML 8Page - Texas Instruments SA5534AD Datasheet HTML 9Page - Texas Instruments SA5534AD Datasheet HTML 10Page - Texas Instruments SA5534AD Datasheet HTML 11Page - Texas Instruments SA5534AD Datasheet HTML 12Page - Texas Instruments SA5534AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
VCC−
OUT
15
Ω
15
Ω
12 k
Ω
12 k
Ω
7 pF
12 pF
40 pF
100 pF
IN+
IN−
BALANCE
COMP
COMP/BAL
8
5
7
4
6
2
3
1
VCC+
NE5534, NE5534A, SA5534, SA5534A
www.ti.com
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
8 Detailed Description
8.1 Overview
The NE5534, NE5534A, SA5534, and SA5534A devices are high-performance operational amplifiers combining
excellent dc and ac characteristics. Some of the features include very low noise, high output-drive capability, high
unity-gain and maximum-output-swing bandwidths, low distortion, and high slew rate.
These operational amplifiers are compensated internally for a gain equal to or greater than three. Optimization of
the frequency response for various applications can be obtained by use of an external compensation capacitor
between COMP and COMP/BAL. The devices feature input-protection diodes, output short-circuit protection, and
offset-voltage nulling capability with use of the BALANCE and COMP/BAL pins (see the Application Circuit
Diagram).
For the NE5534A and SA5534A devices, a maximum limit is specified for the equivalent input noise voltage.
8.2 Functional Block Diagram
Copyright © 1979–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: NE5534 NE5534A SA5534 SA5534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com