Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534AD Datasheet(PDF) 1 Page - Texas Instruments

Part # SA5534AD
Description  NE5534x, SA5534x Low-Noise Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SA5534AD Datasheet(HTML) 1 Page - Texas Instruments

  SA5534AD Datasheet HTML 1Page - Texas Instruments SA5534AD Datasheet HTML 2Page - Texas Instruments SA5534AD Datasheet HTML 3Page - Texas Instruments SA5534AD Datasheet HTML 4Page - Texas Instruments SA5534AD Datasheet HTML 5Page - Texas Instruments SA5534AD Datasheet HTML 6Page - Texas Instruments SA5534AD Datasheet HTML 7Page - Texas Instruments SA5534AD Datasheet HTML 8Page - Texas Instruments SA5534AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IN−
COMP/BAL
COMP
OUT
BALANCE
−
+
IN+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
NE5534, NE5534A, SA5534, SA5534A
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
NE5534x, SA5534x Low-Noise Operational Amplifiers
1 Features
3 Description
The NE5534, NE5534A, SA5534, and SA5534A
1
•
Equivalent Input Noise Voltage
devices are high-performance operational amplifiers
3.5 nV/
√Hz Typ
combining excellent dc and ac characteristics. Some
•
Unity-Gain Bandwidth 10 MHz Typ
of the features include very low noise, high output-
•
Common-Mode Rejection Ratio 100 dB Typ
drive capability, high unity-gain and maximum-output-
swing bandwidths, low distortion, and high slew rate.
•
High DC Voltage Gain 100 V/mV Typ
•
Peak-to-Peak Output Voltage Swing 32 V Typ
These
operational
amplifiers
are
compensated
internally for a gain equal to or greater than three.
With VCC± = ±18 V and RL = 600 Ω
Optimization of the frequency response for various
•
High Slew Rate 13 V/
μs Typ
applications can be obtained by use of an external
•
Wide Supply-Voltage Range ±3 V to ±20 V
compensation
capacitor
between
COMP
and
•
Low Harmonic Distortion
COMP/BAL. The devices feature input-protection
diodes, output short-circuit protection, and offset-
•
Offset Nulling Capability
voltage nulling capability with use of the BALANCE
•
External Compensation Capability
and COMP/BAL pins (see Figure 10).
For the NE5534A and SA5534A devices, a maximum
2 Applications
limit is specified for the equivalent input noise
•
Audio Preamplifiers
voltage.
•
Servo Error Amplifiers
Device Information
•
Medical Equipment
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
•
Telephone Channel Amplifiers
NE5534x
SOIC (8)
4.90 mm × 3.91 mm
SOIC (8)
4.90 mm × 3.91 mm
SA5534x
SO (8)
6.20 mm × 5.30 mm
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SA5534AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5534AD PHILIPS-SA5534AD Datasheet
109Kb / 8P
Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
SA5534AD TI-SA5534AD Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
SA5534AD ONSEMI-SA5534AD Datasheet
165Kb / 10P
Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Texas Instruments
SA5534AD TI-SA5534AD Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534AD TI-SA5534AD Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5534AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com