Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047APW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65MLVD047APW
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047APW Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD047APW Datasheet HTML 1Page - Texas Instruments SN65MLVD047APW Datasheet HTML 2Page - Texas Instruments SN65MLVD047APW Datasheet HTML 3Page - Texas Instruments SN65MLVD047APW Datasheet HTML 4Page - Texas Instruments SN65MLVD047APW Datasheet HTML 5Page - Texas Instruments SN65MLVD047APW Datasheet HTML 6Page - Texas Instruments SN65MLVD047APW Datasheet HTML 7Page - Texas Instruments SN65MLVD047APW Datasheet HTML 8Page - Texas Instruments SN65MLVD047APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
1 Features
• Differential line drivers for 30Ω to 55Ω loads and
data rates1 up to 200Mbps, clock frequencies up to
100MHz
• Supports multipoint bus architectures
• Operates from a single 3.3V supply
• Characterized for operation from –40°C to 85°C
• 16-pin SOIC (JEDEC MS-012) and 16-pin TSSOP
(JEDEC MS-153) packaging
2 Applications
• AdvancedTCA™ (ATCA™) Clock Bus Driver
• Clock distribution
• Backplane or cabled multipoint data transmission
in telecommunications, automotive, industrial, and
other computer systems
• Cellular base stations
• Central-office and PBX switching
• Bridges and routers
• Low-power high-speed short-reach alternative to
TIA/EIA-485
3 Description
The SN65MLVD047A is a quadruple line driver that
complies with the TIA/EIA-899 standard, Electrical
Characteristics of Multipoint-Low-Voltage Differential
Signaling (M−LVDS). The output current of this
M−LVDS device has been increased, in comparison
to standard LVDS compliant devices, in order to
support doubly terminated transmission lines and
heavily loaded backplane bus applications. Backplane
applications generally require impedance matching
termination resistors at both ends of the bus. The
effective impedance of a doubly terminated bus can
be as low as 30Ω due to the bus terminations, as
well as the capacitive load of bus interface devices.
SN65MLVD047A drivers allow for operation with loads
as low as 30Ω. The SN65MLVD047A devices allow
for multiple drivers to be present on a single bus.
SN65MLVD047A drivers are high impedance when
disabled or unpowered. Driver edge rate control
is incorporated to support operation. The M−LVDS
standard allows up to 32 nodes (drivers and/or
receivers) to be connected to the same media in a
backplane when multiple bus stubs are expected from
the main transmission line to interface devices. The
SN65MLVD047A provides 9kV ESD protection on all
bus pins.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
SN65MLVD047A
PW (TSSOP, 16)
5mm × 6.4mm
D (SOIC, 16)
9.9mm × 6mm
(1)
For more information, Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
1A
2A
3A
4A
1 Y
1 Z
2 Y
2 Z
3 Y
3 Z
4 Y
4 Z
LOGIC DIAGRAM (POSITIVE LOGIC)
EN
EN
1 The data rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65MLVD047APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047APW TI1-SN65MLVD047APW Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047APWG4 TI1-SN65MLVD047APWG4 Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047APWR TI1-SN65MLVD047APWR Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047APWRG4 TI1-SN65MLVD047APWRG4 Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65MLVD047APW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com