Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047APWR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65MLVD047APWR
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047APWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD047APWR Datasheet HTML 3Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 4Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 5Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 6Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 7Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 8Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 9Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 10Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
5.8 Switching Characteristics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
See Figure 6-5
1
1.5
2.4
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.5
2.4
ns
tr
Differential output signal rise time
1
1.9
ns
tf
Differential output signal fall time
1
1.9
ns
tsk(o)
Output skew(2)
100
ps
tsk(p)
Pulse skew (|tpHL - tpLH|)
22
100
ps
tsk(pp)
Part-to-part skew(3)
600
ps
tjit(per)
Period jitter, rms (1 standard deviation)(4)
All inputs 100 MHz clock input
0.2
1
ps
tjit(c-c)
Cycle-to-cycle jitter(4)
All inputs 100 MHz clock input
5
36
ps
tjit(pp)
Peak-to-peak jitter(4) (5)
All inputs 200 Mbps 215-1 PRBS input
46
158
ps
tPZH
Enable time, high-impedance-to-high-level output
See Figure 6-6
9
ns
tPZL
Enable time, high-impedance-to-low-level output
9
ns
tPHZ
Disable time, high-level-to-high-impedance output
See Figure 6-6
10
ns
tPLZ
Disable time, low-level-to-high-impedance output
10
ns
(1)
All typical values are at 25°C and with a 3.3V supply voltage.
(2)
tsk(o), output skew is the magnitude of the time difference in propagation delay times between any specified terminals of a device.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(4)
Stimulus jitter has been subtracted from the measurements.
(5)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
www.ti.com
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN65MLVD047A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com