Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047APWR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65MLVD047APWR
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047APWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65MLVD047APWR Datasheet HTML 5Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 6Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 7Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 8Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 9Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 10Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 11Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 12Page - Texas Instruments SN65MLVD047APWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
5.9 Typical Characteristics (continued)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−40
−15
10
35
60
85
tf
tr
VCC = 3.3 V,
f = 500 kHz,
RL = 50 W
TA − Free-Air Temperature − °C
Figure 5-5. Driver Transition Time vs Free-Air Temperature
10
20
30
40
50
60
70
80
90
100
50
100
150
200
250
Data Rate − Mbps
VCC = 3.3 V,
TA = 255C,
All Inputs = 215−1 PRBS NRZ,
(See Figure 8)
Figure 5-6. Peak-to-Peak Jitter vs Data Rate
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
25
50
75
100
125
VCC = 3.3 V,
TA = 255C,
All Inputs = Clock
(See Figure 8)
f − Clock Frequency − MHz
Figure 5-7. Period Jitter vs Clock Frequency
0
1
2
3
4
5
6
7
8
9
10
25
50
75
100
125
VCC = 3.3 V,
TA = 255C,
All Inputs = Clock
(See Figure 8)
f − Clock Frequency − MHz
Figure 5-8. Cycle-to-Cycle Jitter vs Clock Frequency
www.ti.com
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN65MLVD047A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com