Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3921
Description  Round Black Zipper Case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3921 Datasheet(HTML) 1 Page - Adafruit Industries

  3921 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Round Black Zipper Case
PRODUCT ID: 3921
How many pockets does an OTG (On The Go) maker need to carry their boards,
wires, miscellanea when away from their desk? The world may never know.
We get serious satisfaction when things fit into other things, so we fell in love
with this zipper case as it is the exact perfect size for a Circuit Playground
Express!
There's even a little inside pocket that you can use to stash accessories like USB
cables, alligator clips, jumper wires, extra batteries, etc! Perfect handheld size
and heft and pops easily into your bag, purse, or pocket.
This case will easily fit your round whos-its and whats-its galore under 68mm
diameter and 32mm thick (you can go thicker if you don't use the pocket).
Comes in classic Adafruit Black
TECHNICAL DETAILS
Inner diameter: 68mm
                                                                              https://www.adafruit.com/product/3921 10‐23‐18 


Similar Part No. - 3921

ManufacturerPart #DatasheetDescription
logo
Heyco.
3921 HEYCO-3921 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
YAGEO Corporation
3921 YAGEO-3921 Datasheet
608Kb / 9P
SHUNT RESISTOR AUTOMOTIVE GRADE
July 08, 2022 V. 9
logo
Littelfuse
39211000000 LITTELFUSE-39211000000 Datasheet
204Kb / 3P
Radial Lead Fuses
39211000440 LITTELFUSE-39211000440 Datasheet
204Kb / 3P
Radial Lead Fuses
39211250000 LITTELFUSE-39211250000 Datasheet
204Kb / 3P
Radial Lead Fuses
More results

Similar Description - 3921

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-523-11 LITEON-LTL-523-11 Datasheet
260Kb / 6P
Black case enhance contrast ratio
logo
List of Unclassifed Man...
13616 ETC2-13616 Datasheet
225Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, ZIPPER, .0030 (.0762mm)
13882 ETC2-13882 Datasheet
159Kb / 1P
STATFREE ESD ULTRA CLEAR BAG WITH ZIPPER, .0035 (.0889mm)
MC36363 ETC2-MC36363 Datasheet
276Kb / 1P
BAGS, ESD SHIELDING, METAL IN W/ZIPPER, TRANSPARENT, PACKAGED IN MULTICOMP PACKAGING
13305 ETC2-13305 Datasheet
144Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
13285 ETC2-13285 Datasheet
170Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
logo
Kingbright Corporation
WP934CA-2SRD-90 KINGBRIGHT-WP934CA-2SRD-90 Datasheet
358Kb / 5P
Black case enhances contrast ratio
logo
Cornell Dubilier Electr...
DLAA12P5L68W CDE-DLAA12P5L68W_13 Datasheet
172Kb / 5P
Round Plastic Case, Insulated Stranded Wire Leads, Metallized Polypropylene
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com