Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet (PDF) - YAGEO Corporation

3921 Datasheet PDF - YAGEO Corporation
Part # 3921
Download  3921 Download
File Size   608.77 Kbytes
Page   9 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description SHUNT RESISTOR AUTOMOTIVE GRADE

3921 Datasheet (PDF)

Go To PDF Page Download Datasheet
3921 Datasheet PDF - YAGEO Corporation

Part # 3921
Download  3921 Click to download

File Size   608.77 Kbytes
Page   9 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description SHUNT RESISTOR AUTOMOTIVE GRADE

3921 Datasheet (HTML) - YAGEO Corporation


3921 Product details

SCOPE
This specification describes shunt
resistor PU series made by welding
technology.

APPLICATIONS
 Power
 Telecom base station
 Automotive (Headlight/
Window control/ Engine control
unit/ Steering control…)
 Alternative energy

FEATURES
 AEC-Q200 qualified
 Total lead free without RoHS
exemption
 Resistance value down to
0.0001Ω and high power up to
15W
 Welding metal plate
construction

ORDERING INFORMATION - GLOBAL PART NUMBER
Global part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.




Similar Part No. - 3921

ManufacturerPart #DatasheetDescription
logo
Heyco.
3921 HEYCO-3921 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
Adafruit Industries
3921 ADAFRUIT-3921 Datasheet
280Kb / 1P
Round Black Zipper Case
10-23-18
logo
Littelfuse
39211000000 LITTELFUSE-39211000000 Datasheet
204Kb / 3P
Radial Lead Fuses
39211000440 LITTELFUSE-39211000440 Datasheet
204Kb / 3P
Radial Lead Fuses
39211250000 LITTELFUSE-39211250000 Datasheet
204Kb / 3P
Radial Lead Fuses
More results


Similar Description - 3921

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
Shunt Resistor
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
Chip Shunt Resistor
logo
Bourns Electronic Solut...
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
Shunt Resistor
logo
Diodes Incorporated
LM4040Q DIODES-LM4040Q Datasheet
555Kb / 11P
AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 1
TLV431Q DIODES-TLV431Q Datasheet
1Mb / 13P
AUTOMOTIVE GRADE 1.24V SHUNT REGULATOR
Rev 1
logo
TE Connectivity Ltd
CPF-A TEC-CPF-A Datasheet
745Kb / 6P
Automotive Grade Thin Film Chip Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
SHUNT RESISTOR
logo
Riedon Powertron
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
Power Shunt Resistor
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com