Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # 3921
Description  SHUNT RESISTOR AUTOMOTIVE GRADE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

3921 Datasheet(HTML) 7 Page - YAGEO Corporation

  3921 Datasheet HTML 1Page - YAGEO Corporation 3921 Datasheet HTML 2Page - YAGEO Corporation 3921 Datasheet HTML 3Page - YAGEO Corporation 3921 Datasheet HTML 4Page - YAGEO Corporation 3921 Datasheet HTML 5Page - YAGEO Corporation 3921 Datasheet HTML 6Page - YAGEO Corporation 3921 Datasheet HTML 7Page - YAGEO Corporation 3921 Datasheet HTML 8Page - YAGEO Corporation 3921 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
Product specification
7
9
SERIES
PU
2512/ 3921/ 5931
www.yageo.com
Jul. 08, 2022 V.9
PRODUCT
SIZE CODE
REEL SIZE
SYMBOL
A
N
C
D
W1
W2 max.
2512
13" (Φ330mm)
330+0 /-3
100± 0.5
13.5± 0.5
21± 0.8
13± 0.3
17.5
3921
13" (Φ330mm)
330+0 /-3
100± 0.5
13.5± 0.5
21± 0.8
16.4+2.0/-0
22.4
5931
13" (Φ330mm)
330+0 /-3
100± 0.5
13.5± 0.5
21± 0.8
24.4+2.0/-0
30.4
Unit : mm
Fig. 6
REEL SPECIFICATION
Table 5 Dimensions of reel specification for relevant chip resistors size; see Fig. 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com