Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # 3921
Description  SHUNT RESISTOR AUTOMOTIVE GRADE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

3921 Datasheet(HTML) 2 Page - YAGEO Corporation

  3921 Datasheet HTML 1Page - YAGEO Corporation 3921 Datasheet HTML 2Page - YAGEO Corporation 3921 Datasheet HTML 3Page - YAGEO Corporation 3921 Datasheet HTML 4Page - YAGEO Corporation 3921 Datasheet HTML 5Page - YAGEO Corporation 3921 Datasheet HTML 6Page - YAGEO Corporation 3921 Datasheet HTML 7Page - YAGEO Corporation 3921 Datasheet HTML 8Page - YAGEO Corporation 3921 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
Product specification
2
9
SERIES
PU
2512/ 3921/ 5931
www.yageo.com
Jul. 08, 2022 V.9
SCOPE
This specification describes shunt
resistor PU series made by welding
technology.
APPLICATIONS
Power
Telecom base station
Automotive (Headlight/
Window control/ Engine control
unit/ Steering control…)
Alternative energy
FEATURES
AEC-Q200 qualified
Total lead free without RoHS
exemption
Resistance value down to
0.0001Ω and high power up to
15W
Welding metal plate
construction
YAGEO will eliminate the
resistance value marking on the
PU3921 on Feb. 8th, 2023 and the
samples without marking will be
available on Aug. 8th, 2022. The
Product Change Notification
number is EBR-0176-22070801.
GLOBAL PART NUMBER
PU XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
2512/ 3921/ 5931
(2) TOLERANCE
F = ± 1%
J = ± 5%
(3) PACKAGING TYPE
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
M = ± 75 ppm/°C
N = ± 175 ppm/°C
G = ± 200 ppm/°C
H = ± 225 ppm/°C
I = ± 300 ppm/°C
O = ± 325 ppm/°C
(5) TAPING REEL
13 = 13 inch Dia. reel, standard power, 4W for 2512, 3W for 3921 and 5W for 5931
P5 = 5W , 13 inch Dia. reel
P6 = 6W , 13 inch Dia. Reel
P7 = 7W , 13 inch Dia. reel
P9 = 9W , 13 inch Dia. reel
T3 = 3W , High temperature 13 inch Dia. reel
T5 = 5W , High temperature 13 inch Dia. reel
PA= 10W, 13 inch Dia. Reel
PB = 15W, 13 inch Dia. Reel
PC = 12W, 13 inch Dia. Reel
(6) RESISTANCE VALUE
0.1 mΩ to 5 mΩ
There are 3~5 digits indicated the resistance value. Letter R/ U is decimal point.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER
Global part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
ORDERING EXAMPLE
The ordering code of a PU3921,
value 0.0005Ω with ±1%
tolerance, 3W and high
temperature(275°C) supplied in
13-inch tape reel is :
PU3921FKNT30U5L
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
0UX
0R001 = 1 mΩ
0U2 = 0.0002 Ω
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions
"Lead-Free Process"



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com