Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 3921
Description  SHUNT RESISTOR AUTOMOTIVE GRADE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

3921 Datasheet(HTML) 4 Page - YAGEO Corporation

  3921 Datasheet HTML 1Page - YAGEO Corporation 3921 Datasheet HTML 2Page - YAGEO Corporation 3921 Datasheet HTML 3Page - YAGEO Corporation 3921 Datasheet HTML 4Page - YAGEO Corporation 3921 Datasheet HTML 5Page - YAGEO Corporation 3921 Datasheet HTML 6Page - YAGEO Corporation 3921 Datasheet HTML 7Page - YAGEO Corporation 3921 Datasheet HTML 8Page - YAGEO Corporation 3921 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
Product specification
4
9
SERIES
PU
2512/ 3921/ 5931
www.yageo.com
Jul. 08, 2022 V.9
TYPE
A (mm)
B (mm)
C (mm)
PU2512
1.80± 0.15
3.40± 0.15
3.40± 0.13
PU3921
2.75± 0.25
6.20± 0.25
5.60± 0.13
PU5931
5.20± 0.25
8.75± 0.25
5.60± 0.13
Note: Series resistors are suitable for IR reflow soldering
Table 1-2 For outlines, please refer to Fig. 4-2
SIZE
POWER
RATING(4)
OPERATING
TEMP. RANGE
RESISTANCE
RANGE
TOLERANCE(2)
TEMPERATURE COZEFFICIENT
OF RESISTANCE(3)
PU2512
4W(13)
-65°C to 170°C
3/ 4/ 5mΩ
± 1% (F)
± 5% (J)
0.3/ 0.4/ 0.5mΩ: ± 200ppm/°C (G)
1mΩ: ± 175ppm/°C (N)
2~5mΩ: ± 75ppm/°C (M)
5W(P5)
1/ 2mΩ
6W(P6)
0.3/ 0.4/ 0.5mΩ
PU3921
3W(13)
-65°C to 170°C
0.2/ 0.25/ 0.3/ 0.4/ 0.5/ 0.7mΩ
1/ 2/ 3/ 4/ 5mΩ
± 1% (F)
± 5% (J)
0.2/ 0.25/ 0.3/ 0.4/ 0.5/ 0.7mΩ: ± 175ppm/°C (N)
1~5mΩ: ± 75ppm/°C (M)
5W(P5)
0.2/ 0.25/ 0.3/ 0.4/ 0.5/ 0.7mΩ
1/ 2/ 3/ 4/ 5mΩ
0.2mΩ: ± 325ppm/°C (O)
0.2/ 0.25/ 0.3/ 0.4/ 0.5/ 0.7mΩ: ± 175ppm/°C (N)
1~5mΩ: ± 75ppm/°C (M)
9W(P9)
0.2/ 0.25/ 0.3/ 0.4/ 0.5/ 0.7/ 1mΩ
10W(PA)
0.2/ 0.3/ 0.5mΩ
0.2mΩ: ± 225ppm/°C (H)
0.3/ 0.5mΩ: ± 175ppm/°C (N)
12W(PC)
3W(T3)
-65°C to 275°C
0.5/1/ 2/ 3/ 4mΩ
0.5mΩ: ± 175pm/°C (N)
1~4mΩ: ± 75ppm/°C (M)
PU5931
5W(13)
-65°C to 170°C
0.2/ 0.3/ 0.5/ 1/ 2/ 3/ 4mΩ
± 1% (F)
± 5% (J)
0.2mΩ: ± 225ppm/°C (H)
0.3/ 0.5mΩ: ± 175ppm/°C (N)
1~4mΩ: ± 75ppm/°C (M)
7W(P7)
0.2/ 0.3/ 0.5/ 1/ 2/ 3/ 4mΩ
0.1mΩ: ± 300ppm/°C ( I )
0.2mΩ: ± 225ppm/°C (H)
0.3/ 0.5mΩ: ± 175ppm/°C (N)
1~4mΩ: ± 75ppm/°C (M)
10W(PA)
0.2/ 0.3/ 0.5mΩ
15W(PB)
0.1mΩ
5W(T5)
-65°C to 275°C
0.3/ 0.5/ 1/ 2/ 3/ 4mΩ
0.3/ 0.5mΩ: ± 175ppm/°C (N)
1~4mΩ: ± 75ppm/°C (M)
Note: 1. Please contact with sales offices, distributors and representatives in your region before ordering.
2. Global part number (code7)
3. Global part number (code 9)
4. Global part number (code 10-11)
ELECTRICAL CHARACTERISTICS
Fig. 4 Chip resistor outlines
Table 2
Fig. 4-2 Solder pad dimensions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com