Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3921 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # 3921
Description  SHUNT RESISTOR AUTOMOTIVE GRADE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

3921 Datasheet(HTML) 3 Page - YAGEO Corporation

  3921 Datasheet HTML 1Page - YAGEO Corporation 3921 Datasheet HTML 2Page - YAGEO Corporation 3921 Datasheet HTML 3Page - YAGEO Corporation 3921 Datasheet HTML 4Page - YAGEO Corporation 3921 Datasheet HTML 5Page - YAGEO Corporation 3921 Datasheet HTML 6Page - YAGEO Corporation 3921 Datasheet HTML 7Page - YAGEO Corporation 3921 Datasheet HTML 8Page - YAGEO Corporation 3921 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
Product specification
3
9
SERIES
PU
2512/ 3921/ 5931
www.yageo.com
Jul. 08, 2022 V.9
MARKING
PU2512 / 5931
No marking
PU3921 - 0.1~0.7mΩ
4 digits
The "m" is used as a decimal point ; the other 3 digits are significant
and the unit is milliohm
0.1mΩ to 0.7mΩ
PU3921 - 1~5mΩ
4 digits
The "R" is used as a decimal point ; the other 3 digits are significant
1mΩ to 5mΩ
NOTE:
There will be a short period of time that both types of PU3921, with marking and without marking, exist simultaneously in the market.
The exterior of PU3921 without marking is shown in Fig. 1
Fig. 4-1 Chip resistor outlines
OUTLINES AND DIMENSION
Table 1-1 For outlines, please refer to Fig. 3-1
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
PU2512
6.35± 0.25
3.18± 0.25
0.35± 0.15
1.14± 0.25
PU3921
10.0± 0.25
5.20± 0.25
0.50± 0.13
2.00± 0.25
PU5931
15.0± 0.25
7.75± 0.25
0.50± 0.13
4.00± 0.25
Resistance Value
0.1m
Ω 0.2mΩ 0.25mΩ 0.3 mΩ 0.4mΩ 0.5 mΩ 0.7 mΩ 1 mΩ
2 m
Ω
3 m
Ω
4 m
Ω
5 m
Ω
T (mm)
Thickness
PU2512
---
---
---
0.95± 0.13 0.75± 0.13 0.84± 0.13
---
0.43± 0.13 0.66± 0.13 0.44± 0.13 0.33± 0.13 0.31± 0.13
PU3921
---
1.35± 0.13 1.05± 0.10 1.35± 0.13 1.05 ± 0.13 0.86± 0.13 0.60± 0.10 0.43± 0.13 0.72± 0.13 0.48± 0.13 0.36± 0.13 0.25± 0.13
PU5931 1.42± 0.13 1.33± 0.13
---
1.00± 0.13
--
0.60± 0.13
---
0.33± 0.13 0.49± 0.13 0.33± 0.13 0.25± 0.13
---
Fig. 3 Value = 1mΩ
Fig. 2 Value = 0.2mΩ
Fig. 1 Value = 0.2mΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com